Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV210-SM02-R Datasheet(PDF) 5 Page - Superior Sensors Technology.

Part # HV210-SM02-R
Description  Differential Low Pressure Sensors HVAC Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

HV210-SM02-R Datasheet(HTML) 5 Page - Superior Sensors Technology.

  HV210-SM02-R Datasheet HTML 1Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. HV210-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HV Series
Differential Low Pressure Sensors 
www.SuperiorSensors.com 
5 
DS‐0001G.DOCX 
7.4 SPI Characteristics
Parameter 
Sym 
Condition 
HV110 / HV120 /HV160/ HV210 
Units 
Notes 
Min
Typ
Max 
Output High Voltage 
VOH 
IO = ‐3 mA 
VDD‐0.7 ‐ 
‐ 
V 
1 
Output Low Voltage 
VOL 
IO = 8 mA ‐ 
‐ 
0.6 
V 
1 
Input High Voltage 
VIH  
VDD‐0.6 ‐ 
‐ 
 
2, 3 
Input Low Voltage 
VIL 
 
‐ 
‐ 
0.6  
2, 3 
Internal Pull‐Up 
Current 
IPU 
VIN = 0V ‐ 
‐10 ‐30 
uA 
2, 3 
Time nSS to First 
SCK Edge 
tSC  
150 ‐ 
‐ 
us 
 
Clock Cycle Time 
tCC  
8 ‐ 
‐ 
us  
Byte to Byte Cycle 
Time 
tBC  
150 ‐ 
‐ 
us 
 
Time Last Clock to 
nSS High 
tCN  
25 ‐ 
‐ 
us  
Cycle Time nSS 
tCS  
8 ‐ 
‐ 
us 
 
Input Capacitance 
CIN  
‐ 
7 ‐ 
pF 
2 
1) Output MOSI 
2) Inputs MISO, SCK, nSS 
3) Inputs are 5V compliant. 
7.5 I2C Characteristics
Parameter 
Sym 
Condition 
HV110 / HV120 /HV160/ HV210 
Units 
Notes 
Min
Typ
Max 
SCL Clock Frequency 
fSCL  
100 ‐ 
400 
kHz  
Clock Stretch Time 
tCKSTR  
‐ 
15 
150 
us  
Input High Voltage 
VIH  
VDD‐0.6 ‐ 
‐ 
 
 
Input Low Voltage 
VIL 
 
‐ 
‐ 
0.6  
 
Output Low Voltage 
VOL 
IO = 8 mA ‐ 
‐ 
0.6 
V  
Input Capacitance 
CIO  
‐ 
7 ‐ 
pF  
8 Materials
8.1 Wetted Materials
Parameter 
Sym 
HV110/HV120/HV160
HV210
Units 
Notes 
PA 
PB
PA
PB 
Wetted Materials 
MATWET 
Epoxy 
Nylon 
RTV 
Silicon 
Epoxy 
Nylon 
RTV 
Silicon 
Gold 
Aluminum 
Epoxy 
Nylon 
RTV 
Silicon 
Gold 
Aluminum 
Epoxy 
Nylon 
RTV 
Silicon 
Gold 
Aluminum 
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com