Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3772.. Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2N3772..
Description  High Power Silicon Power Transistor VCEO 60V, IC 20A, 150W, TO-3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N3772.. Datasheet(HTML) 2 Page - Multicomp Pro

  2N3772.. Datasheet HTML 1Page - Multicomp Pro 2N3772.. Datasheet HTML 2Page - Multicomp Pro 2N3772.. Datasheet HTML 3Page - Multicomp Pro 2N3772.. Datasheet HTML 4Page - Multicomp Pro 2N3772.. Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page <2>
V1.0
08/06/20
High Power Silicon Power Transistor
VCEO 60V, IC 20A, 150W, TO-3
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Characteristic
Symbol
Min
Max
Units
Off Characteristics
*Collector Emitter Sustaining Voltage (1)
(IC = 0.2A DC, IB = 0)
2N3772
VCEO(sus)
40
60
-
-
V DC
Collector Emitter Sustaining Voltage
(IC = 0.2A DC, VEB(off) = 1.5 V DC RBE = 100Ω)
2N3772
VCEX(sus)
50
80
-
-
V DC
Collector Emitter Sustaining Voltage
(IC = 0.2A DC, RBE = 100Ω)
2N3772
VCER(sus)
45
70
-
-
V DC
*Collector Cut Off Current
(VCE = 30V DC, IB = 0)
(VCE = 50V DC, IB = 0)
2N3772
(VCE = 25V DC, IB = 0)
ICEO
-
-
10
10
mA DC
*Collector Cut Off Current
(VCE = 50V DC, VEB(off) = 1.5V DC
(VCE = 100V DC, VEB(off) = 1.5V DC
2N3772
(VCE = 45V DC, VEB(off) = 1.5V DC
(VCE = 30V DC, VEB(off) = 1.5V DC, TC = 150°C
(VCE = 45V DC, VEB(off) = 1.5V DC, TC = 150°C
2N3772
lCEV
-
2
5
4
10
10
mA DC
*Collector Cut Off Current
(VCB = 50V DC, IE = 0)
(VCB = 100V DC, IE = 0)
2N3772
lCBO
-
2
5
mA DC
*Emitter Cut Off Current
(VBE = 5V DC, IC = 0)
(VBE = 7V DC, IC = 0)
2N3772
lEBO
-
5
5
mA DC
*On Characteristics
DC Current Gain (1)
(IC = 15A DC, VCE = 4 VDC)
(IC = 10A DC, VCE = 4 VDC)
2N3772
(IC = 8A DC, VCE = 4 VDC)
(IC = 30A DC, VCE = 4 VDC)
(IC = 20A DC, VCE = 4 VDC)
2N3772
hFE
15
15
5
5
60
60
-
-
-
Collector Emitter Saturation Voltage
(IC = 15A DC, IB = 1.5 ADC)
(IC = 10A DC, IB = 1 ADC)
2N3772
(IC = 30A DC, IB = 6 ADC)
(IC = 20A DC, IB = 4 ADC)
2N3772
VCE(sat)
-
-
2
1.4
4
4
V DC
Base Emitter on Voltage
(IC = 15A DC, VCE = 4 VDC)
(IC = 10A DC, VCE = 4 VDC)
2N3772
(IC = 8A DC, VCE = 4 VDC)
VBE(on)
-
2.7
2.2
V DC
*Dynamic Characteristics
Current-Gain - Bandwidth Product
(IC = 1A DC, VCE = 4 VDC, ftest = 50 kHz)
fT
0.2
-
MHz
Small-Signal Current Gain
(IC = 1A DC, VCE = 4 VDC, f = 1 kHz)
hfe
40
-
-
Electrical Characteristics at Ta = 25°C unless otherwise specified)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com