Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3772.. Datasheet (PDF) - Multicomp Pro

2N3772.. Datasheet PDF - Multicomp Pro
Part # 2N3772..
Download  2N3772.. Download
File Size   2307.86 Kbytes
Page   5 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description High Power Silicon Power Transistor VCEO 60V, IC 20A, 150W, TO-3

2N3772.. Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3772.. Datasheet PDF - Multicomp Pro

Part # 2N3772..
Download  2N3772.. Click to download

File Size   2307.86 Kbytes
Page   5 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description High Power Silicon Power Transistor VCEO 60V, IC 20A, 150W, TO-3

2N3772.. Datasheet (HTML) - Multicomp Pro


2N3772.. Product details

Features
Forward Biased Second Breakdown Current Capability 2N3772 -- Is/b = 2.5 A DC @ V CE = 60 V DC
APPLICATIONS: Linear amplifiers, series pass regulators, and inductive switching applications.
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)

Description
Silicon High Power Transistor, NPN, 60V, 20A, TO-3




Similar Part No. - 2N3772..

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3772 MOSPEC-2N3772 Datasheet
132Kb / 3P
POWER TRANSISTORS(150W)
logo
ON Semiconductor
2N3772 ONSEMI-2N3772 Datasheet
204Kb / 6P
POWER TRANSISTORS (NPN SILICON)
1995 REV 7
logo
STMicroelectronics
2N3772 STMICROELECTRONICS-2N3772 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
logo
Wing Shing Computer Com...
2N3772 WINGS-2N3772 Datasheet
48Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
2N3772 BOCA-2N3772 Datasheet
138Kb / 3P
HIGH POWER NPN SILICON POWER TRANSISTORS
More results


Similar Description - 2N3772..

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC4029 MOSPEC-2SC4029 Datasheet
135Kb / 3P
POWER TRANSISTOR(15A,230V,150W)
logo
STMicroelectronics
STB20NE06L STMICROELECTRONICS-STB20NE06L Datasheet
84Kb / 8P
N - CHANNEL 60V - 0.06ohm - 20A TO-263 STripFET] POWER MOSFET
Jun-1999
logo
M/A-COM Technology Solu...
MRF1150MB MA-COM-MRF1150MB Datasheet
191Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
logo
Sanyo Semicon Device
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
2channel class-AB Audio Power IC 150W150W
STK433-330N-E SANYO-STK433-330N-E Datasheet
279Kb / 11P
3channel class-AB Audio Power IC 150W150W150W
logo
Unisonic Technologies
UTT20N06 UTC-UTT20N06 Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
logo
Diodes Incorporated
ZXTN19060CFF DIODES-ZXTN19060CFF Datasheet
377Kb / 7P
60V NPN HIGH GAIN POWER TRANSISTOR
Rev 3
logo
SeCoS Halbleitertechnol...
BCP55 SECOS-BCP55 Datasheet
489Kb / 2P
1A , 60V NPN Silicon Medium Power Transistor
logo
Nexperia B.V. All right...
PHPT60603NY NEXPERIA-PHPT60603NY Datasheet
736Kb / 15P
60V, 3 A NPN high power bipolar transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com