Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3772.. Datasheet(PDF) 4 Page - Multicomp Pro

Part # 2N3772..
Description  High Power Silicon Power Transistor VCEO 60V, IC 20A, 150W, TO-3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N3772.. Datasheet(HTML) 4 Page - Multicomp Pro

  2N3772.. Datasheet HTML 1Page - Multicomp Pro 2N3772.. Datasheet HTML 2Page - Multicomp Pro 2N3772.. Datasheet HTML 3Page - Multicomp Pro 2N3772.. Datasheet HTML 4Page - Multicomp Pro 2N3772.. Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page <4>
V1.0
08/06/20
High Power Silicon Power Transistor
VCEO 60V, IC 20A, 150W, TO-3
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Typical Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com