Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASRT300DR Datasheet(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ASRT300DR
Description  Mechanical-Bearing, Direct-Drive, Sealed Rotary Stages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ASRT300DR Datasheet(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ASRT300DR Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 9Page - AEROTECH US. ALL RIGHTS RESERVED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.aerotech.com
ASRT sealed rotary stages provide precise angular
positioning in hostile environments where dirt or liquids are
present. The stage can operate in environments with dust or
fluid jets. The ASRT also can be used where cutting fluids
are present. Applications range from industrial machining
automation to precision sensor positioning in hostile
environments. The ASRT is effective for precise rotary
motion in product environmental test and range tracking
applications.
The ASRT series is available in three different sizes for a
variety of load and motor torque ratings. A shaft aperture
option on all sizes allows for electrical, pneumatic, or
fluid feedthrough. Offered with a high-accuracy optical
(incremental or absolute) non-contact encoder or with a
robust magnetic non-contact encoder, the ASRT has many
feedback options to meet the specific requirements for
many tough applications.
Standard operating temperature for the ASRT is 0 to 70°C.
Operation below freezing requires the optional air-purge
and dessicant. Air-purged stages can operate from -20 to
70°C.
IP66: Totally protected against dust and water
jets from any direction
Operation over large temperature range: -20 to
+70° C
Low-friction seal minimizes direction reversal
hysteresis to allow small, precise positioning
Shaft aperture option with three available sizes:
30 mm, 80 mm, and 130 mm
Excellent accuracy (to 2 arc sec) and
repeatability (to 1.5 arc sec)
Axial load capacity to 130 kg
Up to 200 rpm continuous rotation speed
Direct-drive motor provides rapid precision
motion with no gear backlash
A polymer-based paint on the housing and hard-coated
tabletop is standard for corrosion protection. The stage has
optional tan, black, and white paint colors.
Rotary speeds of up to 200 rpm are available. The ASRT
includes an electrically grounded shaft and housing
to protect against electrical shock and eliminate RF
re-radiation, and housing grounding points are included.
Circular sealed connectors are standard, while options
include desiccant cartridge, air purge option, and mounting
flange accessory.
Superior Mechanical Design
Dual large-diameter bearings are used to maximize
performance with respect to tilt error motion, moment
stiffness, and repeatability. The large diameter bearings
permit large payloads without compromising performance.
Brushless Direct-Drive
To maximize positioning performance, the ASRT series
utilizes Aerotech’s brushless, slotless motor. This motor
has all of the advantages of a brushless direct-drive motor
– no brushes to wear, no gear trains to maintain, and high
acceleration and high speeds. The low inertia and zero
backlash make the ASRT the ideal solution for applications
requiring frequent directional changes.
Aerotech manufactures a wide range of servo amplifiers
and advanced controllers to provide a complete integrated
package.
ASRT Series
Mechanical-Bearing, Direct-Drive, Sealed Rotary Stages
ASRT series mechanical-bearing direct-drive sealed rotary stages
provide extreme positioning performance for harsh environments.


Similar Part No. - ASRT300DR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
ASR MITSUMI-ASR Datasheet
252Kb / 2P
Worldwide Input System Compact type AC Adaptors
logo
Stackpole Electronics, ...
ASR SEI-ASR Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
logo
Advantech Co., Ltd.
ASR-1000K ADVANTECH-ASR-1000K Datasheet
497Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
13-Sep-2017
ASR-1000K ADVANTECH-ASR-1000K Datasheet
496Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
27-Jun-2018
ASR-1000K-00A1E ADVANTECH-ASR-1000K-00A1E Datasheet
497Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
13-Sep-2017
More results

Similar Description - ASRT300DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M6033 ETC1-M6033 Datasheet
29Kb / 3P
MECHANICAL SOUND MOTOR DRIVE
logo
SONiX Technology Compan...
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
logo
Estek Electronics Co. L...
ICL7116 ESTEK-ICL7116 Datasheet
245Kb / 4P
Direct Display Drive
logo
Omron Electronics LLC
A6A OMRON-A6A Datasheet
614Kb / 6P
Sealed Rotary DIP Switch
A6CV OMRON-A6CV Datasheet
583Kb / 4P
Sealed Rotary DIP Switch
logo
Schneider Electric
S29337 SCHNEIDER-S29337 Datasheet
140Kb / 2P
CB DIRECT MOUNTED ROTARY HANDLE
Apr 19, 2021
logo
Festo Corporation.
8087819 FESTO-8087819 Datasheet
97Kb / 3P
Rotary drive unit
5/30/22
8087820 FESTO-8087820 Datasheet
97Kb / 3P
Rotary drive unit
5/30/22
8087821 FESTO-8087821 Datasheet
98Kb / 3P
Rotary drive unit
5/30/22
8087822 FESTO-8087822 Datasheet
98Kb / 3P
Rotary drive unit
5/30/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com