Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASRT300DR Datasheet(PDF) 10 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ASRT300DR
Description  Mechanical-Bearing, Direct-Drive, Sealed Rotary Stages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ASRT300DR Datasheet(HTML) 10 Page - AEROTECH US. ALL RIGHTS RESERVED.

Back Button ASRT300DR Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 9Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 10Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.aerotech.com
ASRT Series — ORDERING INFORMATION
ASRT Mechanical-Bearing Direct-Drive Sealed Rotary Stage
ASRT185DR
ASRT185DR mechanical-bearing direct-drive sealed rotary stage, 185 mm frame size
ASRT245DR
ASRT245DR mechanical-bearing direct-drive sealed rotary stage, 245 mm frame size
ASRT300DR
ASRT300DR mechanical-bearing direct-drive sealed rotary stage, 300 mm frame size
Aperture (Optional)
-A
Clear aperture thru stage; 30 mm (ASRT185DR); 80 mm (ASRT245DR); 130 mm (ASRT300DR)
Feedback (Required)
-E1
Incremental optical encoder, 1 Vpp
-E2
Absolute optical encoder
-E3
Incremental magnetic encoder, 1 Vpp
Note: -E3 feedback option not available with ASRT300DR.
Exterior Paint Color (Required)
-PNT1
Desert tan
-PNT2
Black
-PNT3
White
Mounting Orientation (Required)
-MT1
Vertical axis of rotation
-MT2
Horizontal axis of rotation
Air Purge (Optional)
-PR
Air purge
Desiccant Cartridge (Optional)
-DSC
Desiccant cartridge
Flange Mounting (Optional)
-F
Flange mounting kit
Note: -F flange mounting kit available only with -MT1 mounting orientation.
Cover (Optional)
-CV
Cover shroud kit
Note: -CV cover shroud kit available only with -MT2 mounting orientation.
Metrology (Required)
-PL1
Metrology, uncalibrated with performance plots
-PL2
Metrology, calibrated (HALAR) with performance plots
Integration (Required)
Aerotech offers both standard and custom integration services to help you get your system fully operational as quickly as possible. The
following standard integration options are available for this system. Please consult Aerotech if you are unsure what level of integration is
required, or if you desire custom integration support with your system.
-TAS
Integration - Test as system
Testing, integration, and documentation of a group of components as a complete system that will
be used together (ex: drive, controller, and stage). This includes parameter file generation, system
tuning, and documentation of the system configuration.
-TAC
Integration - Test as components
Testing and integration of individual items as discrete components that ship together. This is
typically used for spare parts, replacement parts, or items that will not be used together. These
components may or may not be part of a larger system.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com