Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASRT300DR Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # ASRT300DR
Description  Mechanical-Bearing, Direct-Drive, Sealed Rotary Stages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ASRT300DR Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ASRT300DR Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED. ASRT300DR Datasheet HTML 9Page - AEROTECH US. ALL RIGHTS RESERVED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.aerotech.com
ASRT Series SPECIFICATIONS
Mechanical Specifications
ASRT185DR
ASRT245DR
ASRT300DR
Travel
360° Continuous
Accuracy(1)
-E1 or -E2 Encoder
Standard
194 µrad (40 arc sec)
145 µrad (30 arc sec)
97 µrad (20 arc sec)
Calibrated
10 µrad (2 arc sec)
-E3 Encoder
Standard
243 µrad (50 arc sec)
218 µrad (45 arc sec)
N/A
Calibrated
97 µrad (20 arc sec)
97 µrad (20 arc sec)
N/A
Resolution
(Min. Incremental Motion)
-E1 Encoder
0.5 µrad (0.1 arc sec)
0.4 µrad (0.08 arc sec)
0.3 µrad (0.06 arc sec)
-E2 Encoder
0.8 µrad (0.16 arc sec)
0.8 µrad (0.16 arc sec)
0.8 µrad (0.16 arc sec)
-E3 Encoder
12.1 µrad (4 arc sec)
11.2 µrad (3 arc sec)
N/A
Bidirectional Repeatability(1)
7.3 µrad (1.5 arc sec)
Total Tilt Error Motion(1)
24 µrad (5 arc sec)
Maximum Speed(2)
200 rpm
150 rpm
100 rpm
Maximum Acceleration(2)
930 rad/s2
635 rad/s2
425 rad/s2
Aperture
30 mm
80 mm
130 mm
Maximum Torque (Continuous)
2.85 N·m
5.99 N·m
10.73 N·m
Load Capacity
Axial
30 kg
105 kg
130 kg
Radial
25 kg
90 kg
110 kg
Inertia (Unloaded)
No Aperture
0.009 kg·m2
0.034 kg·m2
0.091 kg·m2
Aperture
0.011 kg·m2
0.036 kg·m2
0.100 kg·m2
Stage Mass
No Aperture
9.5 kg
17 kg
22.5 kg
Aperture
12.0 kg
20.5 kg
27.0 kg
Material
Polymer-Painted Aluminum / Aluminum Hardcoat
MTBF (Mean Time Between Failure)(3,4)
10,000 Hours
Notes:
1. Certified with each stage.
2. Application dependent. Requires the selection of an appropriate amplifier with sufficient voltage and current.
3. Application dependent. Dry environments between 0° and 70° C up to 10,000 hours.
4. Long-term exposure to temperature cycles and wet environments will require periodic maintenance.
Electrical Specifications
ASRT185DR
ASRT245DR
ASRT300DR
Drive System
Slotless, Brushless, Direct-Drive Rotary Motor
Feedback System
-E1 Encoder
1 Vpp, Incremental Non-Contact Optical Encoder
16384 lines/rev
23600 lines/rev
32768 lines/rev
-E2 Encoder
Absolute, BiSS Interface, Non-Contact Optical Encoder
-E3 Encoder
1 Vpp, Incremental Non-Contact Magnetic Encoder
N/A
900 lines/rev
1200 lines/rev
Maximum Bus Voltage
320 VDC
Recommended Controller
ASRT185DR
ASRT245DR
ASRT300DR
Multi-Axis
A3200
HLe-MXH/HPe-MXH/CP-MXU/MP-MXU/Npaq
Ensemble
HLe-MXH/HPe-MXH/CP-MXU/MP-MXU
Single Axis
Soloist
HLe-MXH/HPe-MXH/CP-MXU/MP-MXU



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com