Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS55340PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS55340PWPR
Description  TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC/DC Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS55340PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS55340PWPR Datasheet HTML 17Page - Texas Instruments TPS55340PWPR Datasheet HTML 18Page - Texas Instruments TPS55340PWPR Datasheet HTML 19Page - Texas Instruments TPS55340PWPR Datasheet HTML 20Page - Texas Instruments TPS55340PWPR Datasheet HTML 21Page - Texas Instruments TPS55340PWPR Datasheet HTML 22Page - Texas Instruments TPS55340PWPR Datasheet HTML 23Page - Texas Instruments TPS55340PWPR Datasheet HTML 24Page - Texas Instruments TPS55340PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
8.2.1.3 Application Curves
50
55
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2
Output Current (A)
VIN = 5 V
VIN = 12 V
G017
Figure 8-3. Efficiency vs Output Current
I
= 200mA/div
OUT
Time - 1ms/div
V
(ac coupled) = 500mV/div
OUT
Figure 8-4. Load Transient Response
V
(ac coupled) = 100mV/div
OUT
SW = 20V/div
I = 1A/div
L
Time - 1ms/div
Figure 8-5. CCM PWM Operation
V
(ac coupled) = 10mV/div
OUT
I = 1A/div
L
SW = 20V/div
Time - 1 s/div
m
Figure 8-6. DCM PWM Operation
V
(ac coupled) = 20mV/div
OUT
I = 200mA/div
L
SW = 20V/div
Time - 50 s/div
m
Figure 8-7. Pulse Skipping
V
= 1V/div
IN
EN = 2V/div
V
= 10V/div
OUT
SW = 10V/div
Time - 500 s/div
m
Figure 8-8. Start-Up
www.ti.com
TPS55340
SLVSBD4E – MAY 2012 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS55340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com