Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS55340PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS55340PWPR
Description  TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC/DC Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS55340PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS55340PWPR Datasheet HTML 3Page - Texas Instruments TPS55340PWPR Datasheet HTML 4Page - Texas Instruments TPS55340PWPR Datasheet HTML 5Page - Texas Instruments TPS55340PWPR Datasheet HTML 6Page - Texas Instruments TPS55340PWPR Datasheet HTML 7Page - Texas Instruments TPS55340PWPR Datasheet HTML 8Page - Texas Instruments TPS55340PWPR Datasheet HTML 9Page - Texas Instruments TPS55340PWPR Datasheet HTML 10Page - Texas Instruments TPS55340PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Voltage on the VIN Pin (V)
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
D006
Figure 6-7. Minimum Switching Frequency for
Quick Recovery from Frequency Foldback
0
100
200
300
400
500
600
700
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
Non-Foldback
Foldback
RFREQ = 80 kΩ
G007
Figure 6-8. Nonfoldback Frequency vs Foldback
Frequency
0.5
1
1.5
2
2.5
3
3.5
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
COMP Pin Clamp High
COMP Pin Clamp Low
G008
Figure 6-9. COMP Clamp Voltage vs Temperature
2.5
2.54
2.58
2.62
2.66
2.7
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
UVLO Start
UVLO Stop
G009
Figure 6-10. Input Voltage UVLO vs Temperature
0.7
0.8
0.9
1
1.1
1.2
1.3
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
EN Voltage Rising
EN Voltage Falling
G010
Figure 6-11. Enable Voltage vs Temperature
94
95
96
97
98
99
100
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
RFREQ = 80 kΩ
G011
Figure 6-12. Maximum Duty Cycle vs Temperature
www.ti.com
TPS55340
SLVSBD4E – MAY 2012 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS55340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com