Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS55340PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS55340PWPR
Description  TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC/DC Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS55340PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS55340PWPR Datasheet HTML 18Page - Texas Instruments TPS55340PWPR Datasheet HTML 19Page - Texas Instruments TPS55340PWPR Datasheet HTML 20Page - Texas Instruments TPS55340PWPR Datasheet HTML 21Page - Texas Instruments TPS55340PWPR Datasheet HTML 22Page - Texas Instruments TPS55340PWPR Datasheet HTML 23Page - Texas Instruments TPS55340PWPR Datasheet HTML 24Page - Texas Instruments TPS55340PWPR Datasheet HTML 25Page - Texas Instruments TPS55340PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
100
1k
10k
100k
−60
−40
−20
0
20
40
60
−180
−120
−60
0
60
120
180
Frequency (Hz)
5 V Gain
5 V Phase
15 V Gain
15 V Phase
IOUT = 800 mA
G023
Figure 8-9. Closed-Loop Gain and Phase of the Boost Converter
8.2.2 SEPIC Converter
VIN
6-18V
VIN
VIN
12V, 1A
49.9
86.6k
1
1
Not Populated
TP3
SYNC
SYNC
TP2
TP5
TP4
Lb
La
Figure 8-10. SEPIC Converter Application Schematic
8.2.2.1 Design Requirements
The parameters listed in Table 8-2 are used for a SEPIC converter design. These calculations are performed
only for CCM operation. The use of a coupled inductor is assumed.
Table 8-2. Design Parameters
PARAMETER
VALUE
Output voltage
12 V
Input voltage
6 V to 18 V, 12 V nominal
Maximum output current
1 A
Transient response 50% load step (ΔVOUT = 4%)
480 mV
Output voltage ripple (0.5% of VOUT)
60 mV
TPS55340
SLVSBD4E – MAY 2012 – REVISED SEPTEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS55340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com