Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS50SV-5 Datasheet(PDF) 7 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # MPS50SV-5
Description  MPS-SV SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

MPS50SV-5 Datasheet(HTML) 7 Page - AEROTECH US. ALL RIGHTS RESERVED.

  MPS50SV-5 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LIFT STAGES | MPS-SV SERIES
aerotech.com
MPS-SV Series Miniature Mechanical-Bearing Screw-Driven Lift Stage (Required)
MPS50SV-5
MPS50SV-5 miniature mechanical-bearing screw-driven lift stage, 5 mm travel
MPS75SV-5
MPS75SV-5 miniature mechanical-bearing screw-driven lift stage, 5 mm travel
Drive Screw (Required - MPS50SV-5 only)
-BS
Precision-ground ball screw, 1 mm/rev
-LS
Precision-ground lead screw, 0.5 mm/rev
Note: -LS Lead screw option is valid only on MPS50SV-5.
Vacuum Preparation (Optional)
-HV
High vacuum preparation to 10-6 torr
Motor (Required)
-M1
DC servomotor
-M2
Stepper motor
Mounting Plate (Optional)
-MP
Optical table mounting plate
Metrology (Required)
-PL0
No metrology performance plots
-PL1
Metrology, uncalibrated with performance plots
-PL2
Metrology, calibrated (HALAR) with performance plots
Integration (Required)
Aerotech offers both standard and custom integration services to help you get your system fully operational as quickly as possible. The
following standard integration options are available for this system. Please consult Aerotech if you are unsure what level of integration is
required, or if you desire custom integration support with your system.
-TAS
Integration - Test as system
Testing, integration, and documentation of a group of components as a complete system that will
be used together (ex: drive, controller, and stage). This includes parameter file generation, system
tuning, and documentation of the system configuration.
-TAC
Integration - Test as components
Testing and integration of individual items as discrete components. This is typically used for spare
parts, replacement parts, or items that will not be used or shipped together (ex: stage only). These
components may or may not be part of a larger system.
MPS-SV Series
Ordering Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com