Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS50SV-5 Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # MPS50SV-5
Description  MPS-SV SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

MPS50SV-5 Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  MPS50SV-5 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LIFT STAGES | MPS-SV SERIES
aerotech.com
MPS-SV Series
Specifications
Mechanical Specifications
MPS50SV-5
MPS75SV-5
Travel
5 mm
5 mm
Motor Supply/Bus
Voltage
1.0 mm/rev Ball Screw
Standard
±2.5 µm
±2.0 µm
Calibrated1
±1.0 μm
±1.0 µm
0.5 mm/rev Lead
Screw
Standard
±3.0 µm
N/A
Calibrated1
±1.25 µm
N/A
Resolution (Minimum Incremental Motion)
0.05 µm
0.05 µm
Repeatability
(Bidirectional)1
1.0 mm/rev Ball Screw
±0.75 µm
±0.75 µm
0.5 mm/rev Lead Screw
±1.5 µm
N/A
Straightness
±3.0 µm
±3.0 µm
Wedge Ratio
6.82:1
8.34:1
Maximum Speed
1.0 mm/rev Ball Screw
DC Motor
0.8 mm/s
5.5 mm/s
SM Motor
0.15 mm/s
3.0 mm/s
0.5 mm/rev Lead
Screw
DC Motor
0.4 mm/s
N/A
SM Motor
0.1 mm/s
N/A
Load Capacity2
6 kg
12 kg
Drive Array Memory3
1.4 kg
2.8 kg
Material
Stainless-steel carriage; anodized aluminum body
1 With Aerotech controllers.
2 Payload specifications are for a single-axis system.
Electrical Specifications
MPS50SV DC
Servomotor (-M1)
MPS50SV Stepper
Motor (-M2)
MPS75SV DC
Servomotor (-M1)
MPS75SV Stepper
Motor (-M2)
Drive System
DC brush servomotor
with 14:1 gearbox
24 VDC bipolar stepper
motor with 43:1 gearbox
DC brush servomotor
24 VDC bipolar stepper motor
Feedback
512 lines/rev rotary encoder
N/A
10,000 lines/rev
rotary encoder
N/A
Electronic
Resolution
1.0 mm/rev
Ball Screw
0.0051 µm
0.0071 µm @ 480 steps/rev
motor resolution
0.0028 µm
0.0028 µm @ 40,000 steps/rev
motor resolution
0.5 mm/rev
Lead Screw
0.0026 µm
0.0035 µm @ 480 steps/rev
motor resolution
N/A
N/A
Maximum Bus Voltage
48 VDC
48 VDC1
48 VDC
48 VDC1
Limit Switches
5 V, normally closed



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com