Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS50SV-5 Datasheet(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # MPS50SV-5
Description  MPS-SV SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

MPS50SV-5 Datasheet(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

  MPS50SV-5 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. MPS50SV-5 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
aerotech.com
A multi-axis stage stack
using Aerotech’s MPS50SV
and MPS50SL stages.
Aerotech’s MPS-SV series lift stages provide high-performance
elevation motion in a compact, cost-effective design. Offered in
two sizes (MPS50SV and MPS75SV), these lift stages are perfect
for applications ranging from light-duty laboratory research
to high-duty-cycle production processes. Multi-axis stage
configurations can be assembled easily with other MPS linear
and rotary stages using the multitude of adapter brackets and
mounting compatibility inherent in the entire MPS stage family
designs.
High-Accuracy Construction
All MPS-SV stages feature a precision-ground ball screw and
preloaded crossed-roller bearings providing smooth and accurate
geometric performance, exceptional accuracy and repeatability,
and 0.05 µm minimum incremental motion capabilities. The
MPS50SV is also offered with a lead-screw drive option for more
cost-sensitive applications.
MPS-SV motor options include a DC servomotor with rotary
encoder and a stepper motor. A precision-machined wedge
design and lateral constraint system provide high stiffness and
load capacity while at the same time providing proper constraint
of lateral motions.
Vacuum and Mounting Options
As with all MPS-series stages, the MPS-SV stages are available
in an optional vacuum preparation to 10-6 torr that includes a
vacuum-rated connector.
An optional mounting plate provides direct mounting to both
English and metric optical breadboard tables. The inherent
mounting compatibility of all MPS stages allows for simple
mounting in multi-axis arrangements.
LIFT STAGES
MPS-SV SERIES
— PRODUCT HIGHLIGHTS —
Compact, high-performance elevation stage
Precision-ground ball screw or lead screw
DC or stepper motor options
High-vacuum capable
Precision crossed-roller bearings
Multi-axis configurations available with MPS linear and
rotary stagesFollows the 2011/65/EU RoHS 2 Directive
The compact MPS50SV
and MPS75SV lift stages
are available for 10-6 torr
vacuum applications.


Similar Part No. - MPS50SV-5

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
MPS50SL-025 AEROTECH-MPS50SL-025 Datasheet
777Kb / 7P
Miniature Mechanical-Bearing, Screw-Driven Linear Stage
MPS50SL-050 AEROTECH-MPS50SL-050 Datasheet
777Kb / 7P
Miniature Mechanical-Bearing, Screw-Driven Linear Stage
More results

Similar Description - MPS50SV-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWS-4001A ETC-CWS-4001A Datasheet
34Kb / 1P
12A mps Output Choke
logo
NEC
ESVD0G687M NEC-ESVD0G687M Datasheet
161Kb / 8P
E/SV Series
FSVP20E107M NEC-FSVP20E107M Datasheet
147Kb / 4P
F/SV Series
SVZB21A106M NEC-SVZB21A106M Datasheet
151Kb / 5P
SV/Z Series
logo
PHOENIX CONTACT
0201663 PHOENIX-0201663 Datasheet
47Kb / 2P
Insulating sleeve - MPS-IH WH - 0201663
0201744 PHOENIX-0201744 Datasheet
47Kb / 2P
Test plugs - MPS-MT - 0201744
logo
Sharma Electro Componen...
SV SHARMA-SV Datasheet
353Kb / 2P
SV Series
logo
PHOENIX CONTACT
1139725 PHOENIX-1139725 Datasheet
52Kb / 2P
Cutting tool - CUTFOX-MPS
logo
GeneSiC Semiconductor, ...
GD2X50MPS12N GENESIC-GD2X50MPS12N Datasheet
647Kb / 7P
1200V 100A SiC Schottky MPS??Diode
logo
PHOENIX CONTACT
3048577 PHOENIX-3048577 Datasheet
72Kb / 4P
Test plugs - MPS-MT/ 4MM
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com