Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM2000-QT Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM2000-QT
Description  1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2000-QT Datasheet(HTML) 1 Page - Mimix Broadband

  CMM2000-QT Datasheet HTML 1Page - Mimix Broadband CMM2000-QT Datasheet HTML 2Page - Mimix Broadband CMM2000-QT Datasheet HTML 3Page - Mimix Broadband CMM2000-QT Datasheet HTML 4Page - Mimix Broadband CMM2000-QT Datasheet HTML 5Page - Mimix Broadband CMM2000-QT Datasheet HTML 6Page - Mimix Broadband CMM2000-QT Datasheet HTML 7Page - Mimix Broadband CMM2000-QT Datasheet HTML 8Page - Mimix Broadband CMM2000-QT Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.5-6.0 GHz GaAs MMIC
Packaged Driver Amplifier
Page 1 of 11
CMM2000-QT
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2008 - Rev 28-Jan-08
13 dB Gain
14 dBm P1dB
3x3 QFN Package
Single Positve Supply
5-8 V, 35 mA Self Bias
RF Choke Inductors Integrated On-Chip
RoHS Compliant
Features
Electrical Characteristics (T=25ºC, 8V)
Circuit Description
Mimix Broadband’s 2 stage 1.5 to 6.0 GHz driver amplifier is
packaged in an RoHS compliant surface mount 3x3 QFN
package. The device is a self-biased, single supply design
with 13 dB gain and 14 dBm P1dB. This MMIC uses Mimix
Broadband’s 0.5um MESFET process. The device is fully
matched, and RF choke inductors are integrated on-chip, so
there is no need for external matching components, and it
can be directly cascaded. Care must be taken to isolate the
input and output from external DC voltages.
Supply Voltage
RF Input Power
Storage Temperature (Tstg)
Junction Temperature
Operating Temperature
Jc
+11 V
+20 dBm
-55 ºC to +125 ºC
175 ºC
-40 ºC to +85ºC
60 ºC/W
Absolute Maximum Ratings
Frequency Range (f )
Gain (S21)
Input Return Loss (S11)
Output P1dB
Output IP3
Current (Id)
Output Return Loss (S22)
Noise Figure (NF)
Parameter
Units
GHz
dB
dB
dBm
dBm
mA
dB
dB
Min.
1.5
-
-
8
20
-
-
-
Typ.
-
13
-12
14
24
35
-10
6
Max.
6
-
-
-
-
62
-
-
Min.
6.1
-
-
-
-
-
-
-
Typ.
-
8
-5
14
24
35
-5
6
Max.
12
-
-
-
-
62
-
-
Typical Parameters (8V, 35 mA)
Frequency (GHz)
Gain (dB)
IP Return Loss (dB)
Op Return Loss (dB)
P1dB (dBm)
OIP3 (dBm)
Noise Figure (dB)
Parameter
2
13
-15
-14
14
24
6
4
13
-12
-13
14
24
6
6
11
-13
-10
14
24
6
8
8
-8
-6
15
26
6
Typical
10
7
-4
-5
15
26
6
12
6
-6
-10
14
24
6
Operating this device beyond any of these parameters may
cause permanent damage.


Similar Part No. - CMM2000-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2000-QT MIMIX-CMM2000-QT Datasheet
2Mb / 11P
1.5-6.0 GHz GaAs MMIC
CMM2000-QT MIMIX-CMM2000-QT_10 Datasheet
2Mb / 11P
1.5-6.0 GHz GaAs MMIC
More results

Similar Description - CMM2000-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1118-QT MIMIX-CMM1118-QT Datasheet
866Kb / 6P
11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
logo
SIRENZA MICRODEVICES
SNA-286 SIRENZA-SNA-286 Datasheet
350Kb / 4P
DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
logo
Mimix Broadband
CMM-2 MIMIX-CMM-2 Datasheet
446Kb / 4P
2.0-6.0 GHz GaAs MMIC Amplifier
CMM0511-QT MIMIX-CMM0511-QT Datasheet
446Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT MIMIX-CMM1118-QT_07 Datasheet
591Kb / 6P
11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
2.0-6.0 GHz GaAs MMIC Amplifier
CMM0511-QT MIMIX-CMM0511-QT_08 Datasheet
443Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM9000-QT MIMIX-CMM9000-QT Datasheet
1Mb / 11P
1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM2000-QT MIMIX-CMM2000-QT_10 Datasheet
2Mb / 11P
1.5-6.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT_10 Datasheet
2Mb / 11P
1.5-6.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com