Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM2000-QT Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMM2000-QT
Description  1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2000-QT Datasheet(HTML) 5 Page - Mimix Broadband

  CMM2000-QT Datasheet HTML 1Page - Mimix Broadband CMM2000-QT Datasheet HTML 2Page - Mimix Broadband CMM2000-QT Datasheet HTML 3Page - Mimix Broadband CMM2000-QT Datasheet HTML 4Page - Mimix Broadband CMM2000-QT Datasheet HTML 5Page - Mimix Broadband CMM2000-QT Datasheet HTML 6Page - Mimix Broadband CMM2000-QT Datasheet HTML 7Page - Mimix Broadband CMM2000-QT Datasheet HTML 8Page - Mimix Broadband CMM2000-QT Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page 5 of 11
Driver Amplifier Measurements (cont.)
CMM2000-QT
CMM2000-QT
Input Return Loss (S11) Over Temperature, 6V
-25
-20
-15
-10
-5
0
02468
10
12
14
16
18
20
Frequency (GHz)
S11_6V_25°C
S11_6V_-35°C
S11_6V_80°C
CMM2000-QT
Output Return Loss (S22) Over Temperature, 6V
-25
-20
-15
-10
-5
0
02468
10
12
14
16
18
20
Frequency (GHz)
S22_6V_25°C
S22_6V_-35°C
S22_6V_80°C
CMM2000-QT
Gain (S21) Over Temperature, 6V
5
6
7
8
9
10
11
12
13
14
15
02
46
8
10
12
14
16
18
20
Frequency (GHz)
S21_6V_25°C
S21_6V_-35°C
S21_6V_80°C
CMM2000-QT
Isolation (S12) Over Temperature, 6V
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
02468
10
12
14
16
18
20
Frequency (GHz)
S12_6V_25°C
S12_6V_-35°C
S12_6V_80°C
CMM2000-QT
Stability Factor (K) Over Temperature, 6V
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
02468
10
12
14
16
18
20
Frequency (GHz)
K_6V_25°C
K_6V_-35°C
K_6V_80°C
CMM2000-QT
Noise Figure (NF) Over Temperature, 6V
0
1
2
3
4
5
6
7
12
34
56
7
Frequency (GHz)
NF_6V_25°C
NF_6V_-35°C
NF_6V_80°C
1.5-6.0 GHz GaAs MMIC
Packaged Driver Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2008 - Rev 28-Jan-08



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com