Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM2000-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM2000-QT
Description  1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2000-QT Datasheet(HTML) 2 Page - Mimix Broadband

  CMM2000-QT Datasheet HTML 1Page - Mimix Broadband CMM2000-QT Datasheet HTML 2Page - Mimix Broadband CMM2000-QT Datasheet HTML 3Page - Mimix Broadband CMM2000-QT Datasheet HTML 4Page - Mimix Broadband CMM2000-QT Datasheet HTML 5Page - Mimix Broadband CMM2000-QT Datasheet HTML 6Page - Mimix Broadband CMM2000-QT Datasheet HTML 7Page - Mimix Broadband CMM2000-QT Datasheet HTML 8Page - Mimix Broadband CMM2000-QT Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page 2 of 11
Driver Amplifier Measurements
CMM2000-QT
CMM2000-QT
S-parameters, 8V
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
02
46
8
10
12
14
16
18
20
Frequency (GHz)
S21
S11
S22
S12
CMM2000-QT
Input Return Loss (S11) Over Voltage
-25
-20
-15
-10
-5
0
02
46
8
10
12
14
16
18
20
Frequency (GHz)
S11_5V
S11_6V
S11_7V
S11_8V
CMM2000-QT
Output Return Loss (S22) Over Voltage
-25
-20
-15
-10
-5
0
02
46
8
10
12
14
16
18
20
Frequency (GHz)
S22_5V
S22_6V
S22_7V
S22_8V
CMM2000-QT
Gain (S21) Over Voltage
0
2
4
6
8
10
12
14
16
01
2345
6
78
9
10
11
12
13
14
15
16
17
18
19
20
Frequency (GHz)
S21_5V
S21_6V
S21_7V
S21_8V
CMM2000-QT
Isolation (S12) Over Voltage
-60
-50
-40
-30
-20
-10
0
0123456789
10
11
12
13
14
15
16
17
18
19
20
Frequency (GHz)
S12_5V
S12_6V
S12_7V
S12_8V
1.5-6.0 GHz GaAs MMIC
Packaged Driver Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2008 - Rev 28-Jan-08



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com