Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB30E Datasheet(PDF) 3 Page - Texas Instruments

Part # TS3USB30E
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30E Datasheet(HTML) 3 Page - Texas Instruments

  TS3USB30E Datasheet HTML 1Page - Texas Instruments TS3USB30E Datasheet HTML 2Page - Texas Instruments TS3USB30E Datasheet HTML 3Page - Texas Instruments TS3USB30E Datasheet HTML 4Page - Texas Instruments TS3USB30E Datasheet HTML 5Page - Texas Instruments TS3USB30E Datasheet HTML 6Page - Texas Instruments TS3USB30E Datasheet HTML 7Page - Texas Instruments TS3USB30E Datasheet HTML 8Page - Texas Instruments TS3USB30E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4 Pin Configuration and Functions
1
D1+
2
D2+
6
D2±
7
D1±
Not to scale
Figure 4-1. RSW Package 10-Pin UQFN Top View
1
S
10
VCC
2
D1+
9
OE
3
D2+
8
D1±
4
D+
7
D2±
5
GND
6
D-
Not to scale
Figure 4-2. DGS Package 10-Pin VSSOP Top View
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
UQFN
VSSOP
D+
3
4
I/O
Common USB signal path
D–
5
6
I/O
D1+
1
2
I/O
USB signal path port 1
D1–
7
8
I/O
D2+
2
3
I/O
USB signal path port 2
D2–
6
7
I/O
GND
4
5
—
Ground
OE
8
9
I
Bus-switch enable
S
10
1
I
Select input
VCC
9
10
—
Voltage supply
www.ti.com
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com