Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB30E Datasheet(PDF) 1 Page - Texas Instruments

Part # TS3USB30E
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30E Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB30E Datasheet HTML 1Page - Texas Instruments TS3USB30E Datasheet HTML 2Page - Texas Instruments TS3USB30E Datasheet HTML 3Page - Texas Instruments TS3USB30E Datasheet HTML 4Page - Texas Instruments TS3USB30E Datasheet HTML 5Page - Texas Instruments TS3USB30E Datasheet HTML 6Page - Texas Instruments TS3USB30E Datasheet HTML 7Page - Texas Instruments TS3USB30E Datasheet HTML 8Page - Texas Instruments TS3USB30E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps)
1:2 Multiplexer/Demultiplexer Switch With Single Enable
1 Features
• VCC operation at 2.7V to 4.3V
• D+/D– pins tolerate up to 5.25V
• 1.8V compatible control-pin inputs
• IOFF supports partial power-down-mode operation
• RON = 10Ω maximum
• ΔRON = 0.35Ω typical
• Cio(ON) = 7.5pF typical
• Low power consumption (70nA maximum)
• –3dB bandwidth = 1400MHz typical
• Latch-up performance exceeds
100mA per JESD 78, Class II 1
• ESD performance tested per JESD 22
– 8000V human-body model
(A114-B, Class II)
– 1000V charged-device model (C101)
• ESD performance I/O port to GND 2
– 15000V human-body model
• Packaged in 10-pin UQFN (1.8mm × 1.4mm)
2 Applications
• Routes Signals for USB 1.0, 1.1, and 2.0
• Multi-Purpose Signal Switching
• Portable Electronics
• Industrial
• Consumer Products
3 Description
The TS3USB30E is a high-bandwidth 1:2 switch
specially designed for the switching of high-speed
USB
2.0
signals
in
handset
and
consumer
applications, such as cell phones, digital cameras,
and notebooks with hubs or controllers with limited
USB I/Os. The wide bandwidth (1400MHz) of this
switch allows signals to pass with minimum edge and
phase distortion. The device multiplexes differential
outputs from a USB host device to one of two
corresponding outputs, or from two different hosts to
one corresponding output. The switch is bidirectional
and offers little or no attenuation of the high-speed
signals at the outputs. The TS3USB30E is designed
for low bit-to-bit skew and high channel-to-channel
noise isolation, and is compatible with various
standards, such as high-speed USB 2.0 (480Mbps).
The TS3USB30E integrates ESD protection cells on
all pins, is available in a tiny UQFN package (1.8mm
× 1.4mm) or a VSSOP package, and is characterized
over the free-air temperature range of –40°C to 85°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TS3USB30E
DGS (VSSOP, 10)
3mm × 4.9mm
RSW (UQFN, 10)
1.8mm × 1.4mm
(1)
For all available packages, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
D1+
D1–
D2+
D2–
Control
D+
D–
S
OE
Functional Block Diagram
1 Except OE and S inputs
2 High-voltage HBM is performed in addition to the standard HBM testing (A114-B, Class II) and applies to I/O ports tested with respect
to GND only.
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TS3USB30E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30EDGSR TI1-TS3USB30EDGSR Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
TECH PUBLIC Electronics...
TS3USB30EDGSR-TP TECHPUBLIC-TS3USB30EDGSR-TP Datasheet
3Mb / 7P
Dual 2:1 USB2.0 Mux/De-Mux with DC 30V Over-Voltage Protection
logo
Texas Instruments
TS3USB30ERSWR TI-TS3USB30ERSWR Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30ERSWR TI1-TS3USB30ERSWR Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Similar Description - TS3USB30E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E_15 Datasheet
1Mb / 26P
TS3USB30E ESD-Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
TS3USB221A TI-TS3USB221A_15 Datasheet
1Mb / 25P
TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com