Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB30E Datasheet(PDF) 5 Page - Texas Instruments

Part # TS3USB30E
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30E Datasheet(HTML) 5 Page - Texas Instruments

  TS3USB30E Datasheet HTML 1Page - Texas Instruments TS3USB30E Datasheet HTML 2Page - Texas Instruments TS3USB30E Datasheet HTML 3Page - Texas Instruments TS3USB30E Datasheet HTML 4Page - Texas Instruments TS3USB30E Datasheet HTML 5Page - Texas Instruments TS3USB30E Datasheet HTML 6Page - Texas Instruments TS3USB30E Datasheet HTML 7Page - Texas Instruments TS3USB30E Datasheet HTML 8Page - Texas Instruments TS3USB30E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
THERMAL METRIC(1)
Device
UNIT
DGS (VSSOP)
RSW (UQFN)
10 PINS
10 PINS
ψJB
Junction-to-board characterization parameter
121.6
21.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
Control inputs clamp voltage
VCC = 3V, II = –18mA
–1.2
V
IIN
Control inputs
VCC = 4.3V, 0V, VIN = 0V to 4.3V
±1
μA
IOZ
D+ and D– OFF-state leakage current(3)
VCC = 4.3V, VO = 0V to 3.6V, VI = 0V,
Switch OFF
±1
μA
IOFF
Powered off leakage current
VCC = 0V, VO = 0V to 4.3V, VI = 0V,
VIN = VCC or GND
±2
μA
ICC
Supply current
VCC = 4.3V, II/O = 0mA,
Switch ON or OFF
1
μA
ΔICC (4)
Control inputs
VCC = 4.3V, VIN = 2.6V
10
μA
Cin
Control inputs digital input capacitance
VCC = 0V,
VIN = VCC or GND
1
pF
Cio(OFF)
OFF-state input capacitance
VCC = 3.3V, VI/O = 3.3V or 0V,
Switch OFF
2
pF
Cio(ON)
ON-state input capacitance
VCC = 3.3V, VI/O = 3.3V or 0V,
Switch ON
7.5
pF
RON
ON-state resistance(5)
VCC = 3V, VI = 0.4V, IO = –8mA
6
10
Ω
ΔRON
ON-state resistance match between channels
VCC = 3V, VI = 0.4V, IO = –8mA
0.35
Ω
ron(flat)
ON-state resistance flatness
VCC = 3V, VI = 0V or 1V, IO = –8mA
2
Ω
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
5.6 Dynamic Electrical Characteristics
over operating range, TA = –40°C to 85°C, VCC = 3.3V ±10%, GND = 0V
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
Crosstalk
RL = 50Ω, f = 240MHz, See Figure 6-3
–32
dB
OISO
OFF isolation
RL = 50Ω, f = 240MHz, See Figure 6-2
–32
dB
BW
Bandwidth (–3 dB)
RL = 50Ω, See Figure 6-4
1400
MHz
(1)
For minimum or maximum conditions, use the appropriate value specified under Electrical Characterisics for the applicable device
type.
5.7 Switching Characteristics
over operating range, TA = –40°C to 85°C, VCC = 3.3V ±10%, GND = 0V
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tpd
Propagation delay(2) (3)
RL = 50Ω, CL = 5pF, At 480Mbps,
See Figure 6-5
0.25
ns
tON
Line enable time, SEL to D, nD
RL = 50Ω, CL = 5pF,
See Figure 6-1
30
ns
tOFF
Line disable time, SEL to D, nD
RL = 50Ω, CL = 5pF,
See Figure 6-1
25
ns
tON
Line enable time, OE to D, nD
RL = 50Ω, CL = 5pF,
See Figure 6-1
30
ns
tOFF
Line disable time, OE to D, nD
RL = 50Ω, CL = 5pF,
See Figure 6-1
25
ns
www.ti.com
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com