Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3773.. Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2N3773..
Description  Transistor NPN, TO-3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N3773.. Datasheet(HTML) 2 Page - Multicomp Pro

  2N3773.. Datasheet HTML 1Page - Multicomp Pro 2N3773.. Datasheet HTML 2Page - Multicomp Pro 2N3773.. Datasheet HTML 3Page - Multicomp Pro 2N3773.. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page <2>
V1.0
29/10/19
Transistor
NPN, TO-3
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
1.17
°C/W
Thermal Characteristics
On Characteristic (Note 3)
DC Current Gain
(lC = 8A DC, VCE = 4V DC) (Note 4)
(lC = 16A DC, VCE = 4V DC)
hfe
15
5
60
-
Collector-Emitter Saturation Voltage
(lC = 8A DC, IB = 800mA DC) (Note 4)
(lC = 16A DC, IB = 3.2A DC)
Vce (sat)
-
1.4
4
V DC
Base-Emitter On Voltage (Note 4)
(lC = 8A DC, VCE = 4V DC)
Vbe (on)
-
2.2
Dynamic Characteristics
Magnitude of Common-Emitter
Small-Signal, Short-Circuit, Forward Current Transfer Ratio
(lC = 1A, f = 50kHz)
|hfe|
4
-
-
Small-Signal Current Gain (Note 4)
(lC = 1A DC, VCE = 4V DC, f = 1 kHz)
hfe
40
-
-
Second Breakdown Characteristics
Second Breakdown Collector Current with Base Forward Biased
t = 1s (non-repetitive), VCE = 100V
Is/b
1.5
A DC
Characteristic
Symbol
Min.
Max.
Unit
Off Characteristics (Note 3)
Collector-Emitter Sustaining Voltage (Note 4)
(lC = 0.2A DC, lB = 0)
IEO (sus)
140
-
V DC
Collector-Emitter Sustaining Voltage (Note 4)
(Ic = 0.1A DC, Veb (off) = 1.5 V DC, Rbe = 100Ω)
VCEX(sus)
160
-
Collector-Emitter Sustaining Voltage
(Ic = 0.2A DC, Rbe = 100Ω)
VCER(sus)
150
-
Collector Cut off Current (Note 4)
(VCE = 120V DC, IB = 0)
ICEO
-
10
mA DC
Collector Cut off Current (Note 4)
(VCE = 140V DC, VBE (off) = 1.5V DC)
(VCE = 140V DC, VBE (off) = 1.5V DC, TC = 150°C)
ICEX
-
2
10
Collector Cut off Current (Note 4)
(VCE = 140V DC, IB = 0)
ICBO
-
2
Emitter Cut off Current (Note 4)
(VEB = 5V DC IC = 0 )
IEBO
-
5
Electrical Characteristics (TC = 25°C unless otherwise noted)
3. Pulse Test: Pulse Width = 300μs, Duty Cycle ≤ 2%.
4. Indicates JEDEC Registered Data.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com