Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3773.. Datasheet(PDF) 3 Page - Multicomp Pro

Part # 2N3773..
Description  Transistor NPN, TO-3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N3773.. Datasheet(HTML) 3 Page - Multicomp Pro

  2N3773.. Datasheet HTML 1Page - Multicomp Pro 2N3773.. Datasheet HTML 2Page - Multicomp Pro 2N3773.. Datasheet HTML 3Page - Multicomp Pro 2N3773.. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.0
29/10/19
Transistor
NPN, TO-3
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
There are two limitations on the power handling ability of a
transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC - VCE limits
of the transistor that must be observed for reliable operation
i.e., the transistor must not be subjected to greater dissipation
than curves indicate. The data is based on TJ (PK) = 200°C; TC
is variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ (PK) < 200°C.
At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com