Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3773.. Datasheet (PDF) - Multicomp Pro

2N3773.. Datasheet PDF - Multicomp Pro
Part # 2N3773..
Download  2N3773.. Download
File Size   405.7 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Transistor NPN, TO-3

2N3773.. Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3773.. Datasheet PDF - Multicomp Pro

Part # 2N3773..
Download  2N3773.. Click to download

File Size   405.7 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Transistor NPN, TO-3

2N3773.. Datasheet (HTML) - Multicomp Pro


2N3773.. Product details

Description:
Complementary silicon power transistors.
The power transistors designed for high power audio, disk head positions and other linear applications.
These devices can also be used in power switching circuits such as relay or solenoid drivers. DC-DC converters or inverters.

Features:
• Pb-free packages
• High safe operating area (100% tested) 150W at 100V
• Completely characterized for linear operation
• High DC current gain and low saturation voltage
• hfe = 15 (Min.) at 8A, 4V
• Vce (sat) = 1.4V (Max.) at Ic = 8A, Ib = 0.8A
• For low distortion complementary designs




Similar Part No. - 2N3773..

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
POWER TRANSISTORS(16A,140V,150W)
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
2N3773 WINGS-2N3773 Datasheet
46Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
2N3773 BOCA-2N3773 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3773 ETC-2N3773 Datasheet
105Kb / 3P
HIGH VOLTAGE, HIGH CURRENT POWER TRANSISTORS
More results


Similar Description - 2N3773..

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3632-Z NEC-2SC3632-Z Datasheet
270Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR MP-3
2SD1164-Z NEC-2SD1164-Z Datasheet
228Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR MP-3
logo
NXP Semiconductors
BFG17A PHILIPS-BFG17A Datasheet
60Kb / 9P
NPN 3 GHz wideband transistor
1995 Sep 12
BFS17A PHILIPS-BFS17A Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
September1995
logo
Tiger Electronic Co.,Lt...
MPSA06 TGS-MPSA06 Datasheet
844Kb / 3P
TO-92 Transistor (NPN)
logo
List of Unclassifed Man...
BC547B ETC1-BC547B Datasheet
211Kb / 3P
Transistor, NPN, TO-92
logo
Quanzhou Jinmei Electro...
BFS17A_2015 JMNIC-BFS17A_2015 Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
BFS17A JMNIC-BFS17A_15 Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
logo
Shenzhen Luguang Electr...
2SD667 LUGUANG-2SD667 Datasheet
791Kb / 3P
TO-92L Transistor (NPN)
Revision:20170701-P1
logo
List of Unclassifed Man...
TO-92 ETC-TO-92_V01 Datasheet
209Kb / 3P
NPN Transistor TO-92
17/09/19 V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com