Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217M Datasheet(PDF) 18 Page - STMicroelectronics

Part # LM217M
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217M Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LM217M Datasheet HTML 14Page - STMicroelectronics LM217M Datasheet HTML 15Page - STMicroelectronics LM217M Datasheet HTML 16Page - STMicroelectronics LM217M Datasheet HTML 17Page - STMicroelectronics LM217M Datasheet HTML 18Page - STMicroelectronics LM217M Datasheet HTML 19Page - STMicroelectronics LM217M Datasheet HTML 20Page - STMicroelectronics LM217M Datasheet HTML 21Page - STMicroelectronics LM217M Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Figure 15. DPAK (TO-252) package outline I
Table 9. DPAK footprint data
Values
mm.
inch.
A
6.70
0.264
B
6.70
0.64
C
1.80
0.070
D
3.00
0.118
E
1.60
0.063
F
2.30
0.091
G
2.30
0.091
LM217M, LM317M
DPAK (TO-252) package information
DS0522 - Rev 12
page 18/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com