Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217M Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM217M
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217M Datasheet(HTML) 4 Page - STMicroelectronics

  LM217M Datasheet HTML 1Page - STMicroelectronics LM217M Datasheet HTML 2Page - STMicroelectronics LM217M Datasheet HTML 3Page - STMicroelectronics LM217M Datasheet HTML 4Page - STMicroelectronics LM217M Datasheet HTML 5Page - STMicroelectronics LM217M Datasheet HTML 6Page - STMicroelectronics LM217M Datasheet HTML 7Page - STMicroelectronics LM217M Datasheet HTML 8Page - STMicroelectronics LM217M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
3
Maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI-VO
Input-to-output differential voltage
40
V
PD
Power dissipation
Internally limited
mW
TOP
Operating junction temperature range (1)
LM217M
-40 to 125
°C
LM317M
0 to 125
TSTG
Storage temperature range
-55 to 150
°C
1. Reboot is not guaranteed for TJ ≥ 85 °C.
Table 2. Thermal data
Symbol
Parameter
DPAK
SOT223
Unit
RthJC
Thermal resistance junction-case
8
15
°C/W
RthJA
Thermal resistance junction-ambient
100
110
°C/W
Figure 3. Test circuit
LM217M
LM317M
LM217M, LM317M
Maximum ratings
DS0522 - Rev 12
page 4/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com