Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217M Datasheet(PDF) 27 Page - STMicroelectronics

Part # LM217M
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217M Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LM217M Datasheet HTML 20Page - STMicroelectronics LM217M Datasheet HTML 21Page - STMicroelectronics LM217M Datasheet HTML 22Page - STMicroelectronics LM217M Datasheet HTML 23Page - STMicroelectronics LM217M Datasheet HTML 24Page - STMicroelectronics LM217M Datasheet HTML 25Page - STMicroelectronics LM217M Datasheet HTML 26Page - STMicroelectronics LM217M Datasheet HTML 27Page - STMicroelectronics LM217M Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
List of figures
Figure 1.
Schematic diagram ................................................................. 2
Figure 2.
Pin connections (top view) ............................................................ 3
Figure 3.
Test circuit ....................................................................... 4
Figure 4.
Current limit ...................................................................... 7
Figure 5.
Minimum operating current............................................................ 7
Figure 6.
Basic adjustable regulator ............................................................ 7
Figure 7.
Thermal resistance and maximum power dissipation vs. PCB copper length for DPAK ................... 8
Figure 8.
Voltage regulator with protection diodes .................................................. 10
Figure 9.
Slow turn-on 15 V regulator .......................................................... 10
Figure 10.
Current regulator ................................................................. 10
Figure 11.
5 V electronic shutdown regulator ...................................................... 11
Figure 12.
Digitally selected outputs ............................................................ 11
Figure 13.
DPAK (TO-252) package outline A ..................................................... 14
Figure 14.
DPAK (TO-252) package outline E ..................................................... 16
Figure 15.
DPAK (TO-252) package outline I ...................................................... 18
Figure 16.
DPAK footprint recommended data ..................................................... 19
Figure 17.
DPAK (TO-252) tape outline .......................................................... 19
Figure 18.
DPAK (TO-252) reel outline .......................................................... 20
Figure 19.
SOT223 package outline ............................................................ 21
Figure 20.
Tape for SOT223 (dimensions are in mm) ................................................ 22
Figure 21.
Reel for SOT223 (dimensions are in mm)................................................. 23
Figure 22.
SOT223 reel oriented .............................................................. 23
LM217M, LM317M
List of figures
DS0522 - Rev 12
page 27/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com