Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2046B Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 2 Page - Texas Instruments

  TUSB2046B Datasheet HTML 1Page - Texas Instruments TUSB2046B Datasheet HTML 2Page - Texas Instruments TUSB2046B Datasheet HTML 3Page - Texas Instruments TUSB2046B Datasheet HTML 4Page - Texas Instruments TUSB2046B Datasheet HTML 5Page - Texas Instruments TUSB2046B Datasheet HTML 6Page - Texas Instruments TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
TUSB2046B, TUSB2046I
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (Continued) ........................................ 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ..................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 7
7.5
Electrical Characteristics........................................... 7
7.6
Differential Driver Switching Characteristics (Full
Speed Mode) ............................................................. 7
7.7
Differential Driver Switching Characteristics (Low
Speed Mode) ............................................................. 8
7.8
Typical Characteristics .............................................. 9
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 12
8.5
Programming........................................................... 13
9
Application and Implementation ........................ 15
9.1
Application Information............................................ 15
9.2
Typical Application .................................................. 15
10
Power Supply Recommendations ..................... 17
10.1
TUSB2046x Power Supply ................................... 17
10.2
Downstream Port Power ....................................... 17
11
Layout................................................................... 18
11.1
Layout Guidelines ................................................. 18
11.2
Layout Example .................................................... 19
12
Device and Documentation Support ................. 20
12.1
Related Links ........................................................ 20
12.2
Community Resources.......................................... 20
12.3
Trademarks ........................................................... 20
12.4
Electrostatic Discharge Caution ............................ 20
12.5
Glossary ................................................................ 20
13
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (January 2016) to Revision L
Page
•
Added device TUSB2046IB to the data sheet........................................................................................................................ 1
Changes from Revision J (July 2015) to Revision K
Page
•
Changed the VQFN package Body Size From: 5.00 mm x 2.00 mm To: 5.00 mm x 5.00 mm ............................................ 1
Changes from Revision I (September 2013) to Revision J
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com