Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2046B Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 5 Page - Texas Instruments

  TUSB2046B Datasheet HTML 1Page - Texas Instruments TUSB2046B Datasheet HTML 2Page - Texas Instruments TUSB2046B Datasheet HTML 3Page - Texas Instruments TUSB2046B Datasheet HTML 4Page - Texas Instruments TUSB2046B Datasheet HTML 5Page - Texas Instruments TUSB2046B Datasheet HTML 6Page - Texas Instruments TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
TUSB2046B, TUSB2046I
www.ti.com
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
OVRCUR1
10
I
Overcurrent input. OVRCUR1–OVRCUR4 are active low. For per-port overcurrent detection, one
overcurrent input is available for each of the four downstream ports. In the ganged mode, any
OVRCUR input may be used and all OVRCUR terminals must be tied together. OVRCUR
terminals are active low inputs with noise filtering logic.
OVRCUR2
14
OVRCUR3
18
OVRCUR4
22
PWRON1
9
O
Power-on/-off control signals. PWRON1–PWRON4 are active low, push-pull outputs. Push-pull
outputs eliminate the pullup resistors which open-drain outputs require. However, the external
power switches that connect to these terminals must be able to operate with 3.3-V inputs because
these outputs cannot drive 5-V signals.
PWRON2
13
PWRON3
17
PWRON4
21
RESET
4
I
RESET is an active low TTL input with hysteresis and must be asserted at power up. When
RESET is asserted, all logic is initialized. Generally, a reset with a pulse width between 100 μs
and 1 ms is recommended after 3.3-V VCC reaches its 90%. Clock signal has to be active during
the last 60 μs of the reset window.
SUSPND
32
O
Suspend status. SUSPND is an active high output available for external logic power-down
operations. During the suspend mode, SUSPND is high. SUSPND is low for normal operation.
TSTMODE
31
I
Test/mode terminal. TSTMODE is used as a test terminal during production testing. This terminal
must be tied to ground or 3.3-V VCC for normal 6-MHz or 48-MHz operation, respectively.
TSTPLL/
48MCLK
27
I/O
Test/48-MHz clock input. TSTPLL/48MCLK is used as a test terminal during production testing.
This terminal must be tied to ground for normal 6-MHz operation. If 48-MHz input clock is desired,
a 48-MHz clock source (no crystal) can be connected to this input terminal.
VCC
3, 25
3.3-V supply voltage
XTAL1
30
I
Crystal 1. XTAL1 is a 6-MHz crystal input with 50% duty cycle. An internal PLL generates the 48-
MHz and 12-MHz clocks used internally by the ASIC logic.
XTAL2
29
O
Crystal 2. XTAL2 is a 6-MHz crystal output. This terminal must be left open when using an
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com