Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2046B Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 24Page - Texas Instruments TUSB2046B Datasheet HTML 25Page - Texas Instruments TUSB2046B Datasheet HTML 26Page - Texas Instruments TUSB2046B Datasheet HTML 27Page - Texas Instruments TUSB2046B Datasheet HTML 28Page - Texas Instruments TUSB2046B Datasheet HTML 29Page - Texas Instruments TUSB2046B Datasheet HTML 30Page - Texas Instruments TUSB2046B Datasheet HTML 31Page - Texas Instruments TUSB2046B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(1.475)
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
32X (0.25)
32X (0.6)
(
0.2) TYP
VIA
28X (0.5)
(4.8)
(4.8)
(1.475)
(
3.45)
(R0.05)
TYP
VQFN - 1 mm max height
RHB0032E
PLASTIC QUAD FLATPACK - NO LEAD
4223442/B 08/2019
SYMM
1
8
9
16
17
24
25
32
SYMM
LAND PATTERN EXAMPLE
SCALE:18X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
33
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com