Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E2211005VBW Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB2E2211005VBW
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 22Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 23Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 24Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 25Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 26Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 27Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 28Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 29Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
8.4.7 GPIO Mode
8.4.7.1 EQ0 as GPIO0
The EQ0 pin enters input mode at power up and is sampled during reset.
The EQ0 defaults to active high UART mode (bypass mode) enable control for eUSB2 port0 after power up in
I2C mode.
The EQ0 pin can be configured to be input or output mode through the I2C register write. The output event is
selected through the I2C register. Refer to the GPIO0_CONFIG register for more information.
The EQ0 input status change can be reported through the EQ2/INT as an interrupt if enabled through the I2C.
The status change trigger can be programmed to be edge trigger or level trigger through the I2C.
The EQ0 pin in output mode defaults to open-drain output but can be configured to be push-pull output. The
EQ0 pin can drive up to 3pF loads when in push-pull mode.
The EQ0 pin reverts back to input upon RESETB assert, deassert, or soft reset.
In non I2C mode, the EQ0 pin is used for USB PHY tuning.
8.4.7.2 EQ1 as GPIO1
The EQ1 pin enters input mode at power up and is sampled during reset.
The EQ1 defaults to active high UART mode (bypass mode) enable control for eUSB2 port1 after power up in
I2C mode.
The EQ1 pin can be configured to be input or output mode through the I2C register write. The output event is
selected through the I2C register. Refer to the GPIO1_CONFIG register.
The EQ1 input status change can be reported through the EQ2/INT as an interrupt if enabled through the I2C.
The status change trigger can be programmed to be an edge trigger or level trigger through the I2C.
The EQ1 pin in output mode defaults to open-drain output but can be configured to be push-pull output. EQ1 pin
can drive up to 3pF loads when in push-pull mode.
The EQ1 pin reverts back to input upon RESETB assert, deassert, or soft reset.
In non I2C mode, the EQ1 pin is used for USB PHY tuning.
8.4.7.3 EQ2/INT as GPIO2
The EQ2/INT pin defaults to open-drain interrupt (INT) active low output at power up but can be programmed
through the I2C to be a push-pull output. In push-pull mode, the EQ2/INT pin can be programmed to be either
active high or active low. Interrupt output is a level-sensitive interrupt. Trigger events can be selected through the
I2C.
Connect EQ2/INT to APU to use interrupt functions and a pullup resistor (open-drain mode).
EQ2/INT interrupt output can be configured through the INT_ENABLE_1/2 and INT_STATUS_1/2 registers.
In non I2C mode, EQ2/INT pin is used for USB PHY tuning.
8.4.8 CROSS
The CROSS pin controls the orientation of the integrated cross bar mux.
After the RESETDB deassertion followed by internally generated reset signal and 1ms delay, the CROSS pin is
sampled and latched.
The system must make sure that CROSS meets t_su_CROSS and t_hd_CROSS with respect to power supply ramp
and RESETB deassertion per Power Supply Recommendations.
Changes to the state of the CROSS input while RESETB is high are ignored.
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com