Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E2211005VBW Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB2E2211005VBW
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 37Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 38Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 39Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 40Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 41Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 42Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 43Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 44Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
Table 9-14. LOPWR_N_UART_P1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
2
UART_DP_PU_EN_P1 RH/W
0h
Y
Select whether DP pullup is enabled during UART mode
Default through OTP
0h = disable DP pullup during UART mode
1h = enable DP pullup during UART mode
1
UART_en_by_reg_not_
pin_P1
RH/W
0h
Y
Select whether UART mode is enabled by register or by
GPIO1 pin
Default through OTP
0h = select UART_mode_en_P1 register to enable UART
mode
1h = select GPIO1 pin to enable UART mode
0
UART_mode_en_P1
RH/W
0h
Y
If GPIO1 is not selected to enable UART mode, this register
enables UART mode.
Default through OTP
0h = disable UART mode between eUSB2 and USB 2.0 pins
1h = enable UART mode between eUSB2 and USB 2.0 pins
9.1.13 CONFIG_PORT1 Register (Offset = 60h) [Reset = 00h]
CONFIG_PORT1 is shown in Table 9-15.
Return to the Summary Table.
Table 9-15. CONFIG_PORT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0h
Reserved
6-5
RESERVED
R
0h
Reserved
4-3
HOST_DEVICE_P1
RH
0h
Port1 is configured as a Host repeater or a Device repeater
0h = Not configured
1h = Host repeater
2h = Device repeater
3h = Reserved
2-1
RESERVED
R
0h
Reserved
0
CDP_2_STATUS_P1
RH
0h
Primary detection detected on port1 if CDP_2_EN_P1=1
0h = CDP primary detection detected
1h = CDP primary detection not detected
9.1.14 U_TX_ADJUST_PORT1 Register (Offset = 70h) [Reset = 77h]
U_TX_ADJUST_PORT1 is shown in Table 9-16.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
Table 9-16. U_TX_ADJUST_PORT1 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7-6
U_HS_TERM_P1
RH/W
1h
Y
ZHSTERM adjustment
USB HS Termination Adjustment (-5% to 10% in 5% steps)
Default through OTP
0h = 42.75 Ω (typical)
1h = 45 Ω (typical) (hw default)
2h = 47.25 Ω (typical)
3h = 49.5 Ω (typical)
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com