Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E2211005VBW Datasheet(PDF) 29 Page - Texas Instruments

Part # TUSB2E2211005VBW
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 25Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 26Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 27Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 28Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 29Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 30Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 31Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 32Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
1. The host initiates a write operation by generating a start condition (S), followed by the TUSB2E221 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TUSB2E221 acknowledges the address cycle.
3. The host presents the register offset within the TUSB2E221 to be written, consisting of one byte of data,
MSB-first.
4. The TUSB2E221 acknowledges the sub-address cycle.
5. The host presents the first byte of data to be written to the I2C register.
6. The TUSB2E221 acknowledges the byte transfer.
7. The host may continue presenting additional bytes of data to be written, with each byte transfer completing
with an acknowledge from the TUSB2E221.
8. The host terminates the write operation by generating a stop condition (P).
Figure 8-6. I2C Read Without Repeated Start
Use this procedure to read the TUSB2E221 I2C registers without a repeated Start (refer Figure 8-6).
1. The host initiates a read operation by generating a start condition (S), followed by the TUSB2E221 7-bit
address and a zero-value “W/R” bit to indicate a read cycle.
2. The TUSB2E221 acknowledges the 7-bit address cycle.
3. Following the acknowledge the host continues sending clock.
4. The TUSB2E221 transmit the contents of the memory registers MSB-first starting at register 00h or last read
register offset+1. If a write to the I2C register occurred prior to the read, then the TUSB2E221 shall start at
the register offset specified in the write.
5. The TUSB2E221 waits for either an acknowledge (ACK) or a not-acknowledge (NACK) from the host after
each byte transfer; the I2C host acknowledges reception of each data byte transfer.
6. If an ACK is received, the TUSB2E221 transmits the next byte of data as long as host provides the clock. If a
NAK is received, the TUSB2E221 stops providing data and waits for a stop condition (P).
7. The host terminates the write operation by generating a stop condition (P).
Figure 8-7. I2C Read with Repeated Start
Use this procedure to read the TUSB2E221 I2C registers with a repeated Start (refer Figure 8-7).
1. The host initiates a read operation by generating a start condition (S), followed by the TUSB2E221 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TUSB2E221 acknowledges the 7-bit address cycle.
3. The host presents the register offset within the TUSB2E221 to be written, consisting of one byte of data,
MSB-first.
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com