Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM6003-SC Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM6003-SC
Description  50-900 MHz High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM6003-SC Datasheet(HTML) 2 Page - Mimix Broadband

  CMM6003-SC Datasheet HTML 1Page - Mimix Broadband CMM6003-SC Datasheet HTML 2Page - Mimix Broadband CMM6003-SC Datasheet HTML 3Page - Mimix Broadband CMM6003-SC Datasheet HTML 4Page - Mimix Broadband CMM6003-SC Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Application Circuit: (75 )
Ref Designator
Value
Size
C1,C2,C3
1000 pF
0603
L1
12 nH
0603
L2
270 nH
0603
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM6003-SC
Frequency
MHz
100
450
870
Gain
dB
17.5
17.2
16.3
Input Return Loss dB
-12
-12
-11
Output Return Loss dB
-16
-16
-13
Output P1dB
dBm
23
23.6
23.8
Output IP3
dBm
40
39
37
Output IP2
dBm
52
52
52
Noise Figure
dB
3.5
1.6
2
CTB
dBc
-72
CSO
dBc
-48
Xmod
dBc
-65
Supply Voltage
V
55
5
Current
mA
150
150
150
August 2007 - Rev 07-Aug-07
CMM6003-SC: 75 Ohm Board, P1dB
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (GHz)
S#1
S#2
CMM6003-SC: 75 Ohm Board, Gain
14
14.5
15
15.5
16
16.5
17
17.5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (GHz)
S#1
S#2
CMM6003-SC: 75 Ohm Board, OIP3
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (GHz)
S#1
S#2
CMM6003-SC: 75 Ohm Board, OIP2
0
5
10
15
20
25
30
35
40
45
50
55
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (GHz)
S#1
S#2
50-900 MHz
High Dynamic Range Amplifier



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com