Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM6003-SC Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM6003-SC
Description  50-900 MHz High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM6003-SC Datasheet(HTML) 3 Page - Mimix Broadband

  CMM6003-SC Datasheet HTML 1Page - Mimix Broadband CMM6003-SC Datasheet HTML 2Page - Mimix Broadband CMM6003-SC Datasheet HTML 3Page - Mimix Broadband CMM6003-SC Datasheet HTML 4Page - Mimix Broadband CMM6003-SC Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Application Circuit: (50 )
Ref Designator
Value
Description
Size
C2
100 pF
0603CG101J9B20 T/R
0603
C1
0.1 F
VITR 0.1 F 25V CER
0603
CAP 0603 X7R 10%
L1
6.8 nH
TOKO LL 1608-F6N8J
0603
L2
390 nH Coilcraft 0805CS-391XJBC 0603
Units
Typical
Parameter
Frequency Range
450
800
870
MHz
Gain
17.2
16.5
16.25
dB
Input Return Loss
-12.0
-11.5
-10.5
dB
Output Return Loss
-16
-14
-13
dB
Output IP3
+396
+41
+41
dBm
Output P1dB
23.6
23.7
23.8
dBm
Noise Figure
1.6
1.9
2.0
dB
Notes:
1. Typical values reflect performance in recommended application circuit.
RF
OUT
C2
100 pF
L2
390 nH
Vcc
5V
C1
0.1 µF
L1
6.8 nH
RF
IN
CMM6003-SC
SOT-89
T = 125 mil
INPUT MATCHING NETWORK
T = 70 mil
T = 500 mil
T = 500 mil
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM6003-SC
August 2007 - Rev 07-Aug-07
50-900 MHz
High Dynamic Range Amplifier



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com