Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM6003-SC Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMM6003-SC
Description  50-900 MHz High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM6003-SC Datasheet(HTML) 5 Page - Mimix Broadband

  CMM6003-SC Datasheet HTML 1Page - Mimix Broadband CMM6003-SC Datasheet HTML 2Page - Mimix Broadband CMM6003-SC Datasheet HTML 3Page - Mimix Broadband CMM6003-SC Datasheet HTML 4Page - Mimix Broadband CMM6003-SC Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
Physical Dimensions
Ordering Information
12
3
4
XXXXXXX
XXXXXX
ZYYWW
DIMENSIONS IN MILLIMETERS
[INCHES]
4.50
[0.177]
1.73
[0.068]
0.46
[0.18]
3X
1.50
[0.059]
3.00
[0.118]
0.76
[0.030]
0.38
[0.015]
0.38
[0.015]
4.41
[0.163]
1.55
[0.061]
2.50
[0.096]
0.71
[0.028]
MARKINGS:
XXXXXXX = MIMIX MODEL NO.
XXXXXX = WAFER LOT NO.
ZYYWW = DATE CODE (YR/WEEK)
FIRST LETTER COUNTRY OF ORIGIN IF OTHER THAT USA
0.99
[0.039]
0.58
[0.023]
0.64
[0.025]
0.86
[0.034]
1.27
[0.050]
3.48
[0.137]
5.33
[0.210]
3.86
[0.152]
1.70
[0.067]
2.06
[0.081]
0.41
[0.016]
Part Number for Ordering
Description
CMM6003-SC-0G00
CMM6003-SC-0G0T
PB-CMM6003-SC-0000
PB-CMM6003-SC-00A0
Matte Tin plated RoHS compliant SOT-89 surface-mount power package in
bulk quantity
Matte Tin plated RoHS compliant SOT-89 surface-mount power package in
tape and reel
50 Ohm Evaluation Board
75 Ohm Evaluation Board
We also offer the plastic package with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager
for more information regarding different plating types.
CMM6003-SC
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 07-Aug-07
50-900 MHz
High Dynamic Range Amplifier



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com