Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT40N60JCU2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # APT40N60JCU2
Description  SiC N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT40N60JCU2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  APT40N60JCU2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT40N60JCU2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited APT40N60JCU2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCFM8117
eq APT40N60JCU2
SiC N-Channel MOSFET
www.iscsemi.com
1
DESCRIPTION
· Drain Current -ID= 40A@ TC=25℃
· Drain Source Voltage
-VDSS= 600V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 70mΩ(Max)@VGS= 10V
APPLICATIONS
· AC and DC motor control
· Switched Mode Power Supplies
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
600
V
VGSS
Gate-Source Voltage
±
20
V
ID
Drain Current-continuous@ TC=25℃
40
A
Drain Current-continuous@ TC=80℃
30
IDM
Pulse Drain Current
120
A
PD
Total Dissipation@TC=25℃
290
W
IF(AV)
Maximum Average Forward Current
Duty cycle=0.5,TC=80℃
30
A
IFRMS
RMS Forward Current (Square Wave, 50% duty)
39
A
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
Viso
Isolation Voltage (All Terminals Shorted)
2500
V
G
Weight
30
g
K
D
S
G
SOT-227


Similar Part No. - APT40N60JCU2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40N60JCU2 ADPOW-APT40N60JCU2 Datasheet
484Kb / 8P
ISOTOP Boost chopper Super Junction MOSFET Power Module
logo
Microsemi Corporation
APT40N60JCU2 MICROSEMI-APT40N60JCU2 Datasheet
490Kb / 8P
ISOTOP Boost chopper Super Junction MOSFET Power Module
More results

Similar Description - APT40N60JCU2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
G3R450MT17D ISC-G3R450MT17D Datasheet
390Kb / 3P
SiC N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com