Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4538 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4538
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4538 Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4538 Datasheet HTML 1Page - STMicroelectronics HCC4538 Datasheet HTML 2Page - STMicroelectronics HCC4538 Datasheet HTML 3Page - STMicroelectronics HCC4538 Datasheet HTML 4Page - STMicroelectronics HCC4538 Datasheet HTML 5Page - STMicroelectronics HCC4538 Datasheet HTML 6Page - STMicroelectronics HCC4538 Datasheet HTML 7Page - STMicroelectronics HCC4538 Datasheet HTML 8Page - STMicroelectronics HCC4538 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HCC4538B
HCF4538B
September 1988
DUAL MONOSTABLE MULTIVIBRATOR
EY
(Plastic Package)
DESCRIPTION
ORDER CODES :
HCC4538BF
HCF4538BM1
HCF4538BEY
HCF4538BC1
F
(Ceramic Package)
M1
(Micro Package)
C1
(Chip Carrier)
PIN CONNECTIONS
The HCC4538B (extended temperature range) and
HCF4538B (intermediate temperature range) are
monolithic integrated circuit, available in 16-lead
dual in-line plastic or-ceramic package and plastic
micro package. The HCC/HCF4538B dual precision
monostable multivibrator provides stable retrigger-
able/resettable one-shot operation for any fixed-
voltage timing application. An external resistor (RX)
and an external capacitor (CX) control the timing and
accuracy for the circuit. Adjustment of RX and CX
provides a wide range of output pulse widths from
the Q and Q terminals. The time delay from trigger
input to output transition (trigger propagation delay)
and the time delay from reset input to output transi-
tion (reset propagation delay) are independent of RX
and CX. Precision control of output pulse widths is
achieved through linear CMOS techniques. Lead-
ing-edge-triggering (+ TR) and trailing-edge-trigger-
ing (– TR) inputs are provided for triggering from
either edge of an input pulse. An unused + TR input
should be tied to VSS. An unused – TR input should
be tied to VDD. A RESET (on low level) is provided
for immediate termination of the output pulse or to
.
RETRIGGERABLE/RESETTABLE
CAPABILITY
.
TRIGGER AND RESET PROPAGATION DE-
LAYS INDEPENDENT OF RX,CX
.
TRIGGERING FROM LEADING OR TRAILING
EDGE
.
Q AND Q BUFFERED OUTPUTS AVAILABLE
.
SEPARATE RESETS
.
WIDE RANGE OF OUTPUT-PULSE WIDTHS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
SCHMITT TRIGGER INPUT ALLOWS UN-
LIMITER RISE AND FALL TIMES ON + TR AND
– TR INPUTS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
1/14


Similar Part No. - HCC4538

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4538B STMICROELECTRONICS-HCC4538B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4538B STMICROELECTRONICS-HCC4538B Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4538BD STMICROELECTRONICS-HCC4538BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4538BDG STMICROELECTRONICS-HCC4538BDG Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4538BDT STMICROELECTRONICS-HCC4538BDT Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results

Similar Description - HCC4538

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
Dual Monostable Multivibrator
MM54C221 NSC-MM54C221 Datasheet
148Kb / 6P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B Datasheet
104Kb / 8P
Dual monostable multivibrator
January 1995
logo
STMicroelectronics
HCC4098B STMICROELECTRONICS-HCC4098B Datasheet
324Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jun-1989
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
DUAL MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
Dual monostable multivibrator
Rev. 11 - 4 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com