Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4538 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4538
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4538 Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4538 Datasheet HTML 1Page - STMicroelectronics HCC4538 Datasheet HTML 2Page - STMicroelectronics HCC4538 Datasheet HTML 3Page - STMicroelectronics HCC4538 Datasheet HTML 4Page - STMicroelectronics HCC4538 Datasheet HTML 5Page - STMicroelectronics HCC4538 Datasheet HTML 6Page - STMicroelectronics HCC4538 Datasheet HTML 7Page - STMicroelectronics HCC4538 Datasheet HTML 8Page - STMicroelectronics HCC4538 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 K
Ω,
typical temperature coefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
Min.
Typ.
Max.
tTLH
tTHL
Transition Time
5
100
200
ns
10
50
100
15
40
80
tPLH
tPHL
Propagation Delay Time
+TR or -TR to Q or Q
5
300
600
ns
10
150
300
15
100
220
tPLH
tPHL
Propagation Delay Time
Reset to Q or Q
RL =1K
Ω
5
250
500
ns
10
125
250
15
95
190
tWH
tWL
Minimum Input Pulse Width
+TR, -TR or Reset
RL =1K
Ω
5
80
140
ns
10
40
80
15
30
60
tWT
Output Pulse Width - Q or Q
(CX = 0.005
µF, RX =10 KΩ *)
5
57
60.6
64.5
µs
10
55
58.9
63.0
15
55
59.1
63.5
tWT
Output Pulse Width - Q or Q
(CX = 0.1
µF, RX = 100 KΩ)
5
9.4
9.97
10.5
ms
10
9.4
9.95
10.6
15
9.5
10.00
10.6
tWT
Output Pulse Width - Q or Q
(CX =10
µF, RX = 100 KΩ)
5
0.95
1.00
1.06
s
10
0.95
1.00
1.06
15
0.96
1.00
1.07
tW
Pulse Width Match Between
Circuits in Same Package:
100
(T1 − T2)
T1
(CX = 0.1
µF, RX = 100 KΩ)
5
±1
%
10
±1
15
±1
trr
Minimum Retrigger Time
5
0
ns
10
0
15
0
CIN
Input Capacitance
Any
Input
5
7.5
pF
* Minimum RX value = 4 K
Ω, minimum CX value = 500 pF
HCC/HCF4538B
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com