Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4538 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCC4538
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4538 Datasheet(HTML) 2 Page - STMicroelectronics

  HCC4538 Datasheet HTML 1Page - STMicroelectronics HCC4538 Datasheet HTML 2Page - STMicroelectronics HCC4538 Datasheet HTML 3Page - STMicroelectronics HCC4538 Datasheet HTML 4Page - STMicroelectronics HCC4538 Datasheet HTML 5Page - STMicroelectronics HCC4538 Datasheet HTML 6Page - STMicroelectronics HCC4538 Datasheet HTML 7Page - STMicroelectronics HCC4538 Datasheet HTML 8Page - STMicroelectronics HCC4538 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VDD *
Supply Voltage: HCC Types
HCF Types
-0.5 to +20
-0.5 to +18
V
V
Vi
Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current (any one input)
± 10
mA
Ptot
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package Temperature Range
200
100
mW
mW
Top
Operating Temperature: HCC Types
HCF Types
-55 to +125
-40 to +85
oC
oC
Tstg
Storage Temperature
-65 to +150
oC
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress ratingonly and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for external periods may affect device reliability.
* All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage: HCC Types
HCF Types
3to 18
3to 15
V
V
VI
Input Voltage
0 to VDD
V
Top
Operating Temperature: HCC Types
HCF Types
-55 to +125
-40 to +85
oC
oC
prevent output pulses when power is turned on. An
unused RESET input should be tied to VDD. How-
ever, if an entire section of the HCC/HCF4538B is
not used, its inputs must be tied to either VDD or VSS
(see table 1). In normal operation the circuit triggers
(extends the output pulse one period) on the appli-
cation of each new trigger pulse. For operation in the
non-retriggerable mode, Q is connected to – TR
when leading-edge triggering (+ TR) is used or Q is
connected to + TR when trailingedge triggering (–
TR) is used. The time period (T) for this multivibrator
can be calculated by : T = RX CX. The min. value of
external resistance, RX,is 4K
Ω. The max. and min.
values of external capacitance, CX, are 100
µF and
5nF, respectively.
HCC/HCF4538B
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com