Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC113LRGPR Datasheet(PDF) 30 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 26Page - Texas Instruments CC113LRGPR Datasheet HTML 27Page - Texas Instruments CC113LRGPR Datasheet HTML 28Page - Texas Instruments CC113LRGPR Datasheet HTML 29Page - Texas Instruments CC113LRGPR Datasheet HTML 30Page - Texas Instruments CC113LRGPR Datasheet HTML 31Page - Texas Instruments CC113LRGPR Datasheet HTML 32Page - Texas Instruments CC113LRGPR Datasheet HTML 33Page - Texas Instruments CC113LRGPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
When using the auto flush function, the maximum packet length is 63 bytes in variable packet length mode
and 64 bytes in fixed packet length mode. Note that when PKTLEN.APPEND_STATUS is enabled, the
maximum allowed packet length is reduced by two bytes in order to make room in the RX FIFO for the two
status bytes appended at the end of the packet. Since the entire RX FIFO is flushed when the CRC check
fails, the previously received packet must be read out of the FIFO before receiving the current packet. The
MCU must not read from the current packet until the CRC has been checked as OK.
5.10.3 Packet Handling in Receive Mode
In receive mode, the demodulator and packet handler will search for a valid preamble and the sync word.
When found, the demodulator has obtained both bit and byte synchronization and will receive the first
payload byte.
When variable packet length mode is enabled, the first byte is the length byte. The packet handler stores
this value as the packet length and receives the number of bytes indicated by the length byte. If fixed
packet length mode is used, the packet handler will accept the programmed number of bytes.
Next, the packet handler optionally checks the address and only continues the reception if the address
matches. If automatic CRC check is enabled, the packet handler computes CRC and matches it with the
appended CRC checksum.
At the end of the payload, the packet handler will optionally write two extra packet status bytes (see
Table 5-5 and Table 5-6) that contain CRC status, link quality indication, and RSSI value.
5.10.4 Packet Handling in Firmware
When implementing a packet oriented radio protocol in firmware, the MCU needs to know when a packet
has been received. Additionally, for packets longer than 64 bytes, the RX FIFO needs to be read while in
RX. There are two possible solutions to get the necessary status information:
a. Interrupt Driven Solution
The GDO pins can be used to give an interrupt when a sync word has been received or when a complete
packet has been received by setting IOCFGx.GDOx_CFG=0x06. In addition, there are two configurations
for the IOCFGx.GDOx_CFG register that can be used as an interrupt source to provide information on
how many bytes that are in the RX FIFO (IOCFGx.GDOx_CFG=0x00 and IOCFGx.GDOx_CFG=0x01).
See Table 5-15 for more information.
b. SPI Polling
The PKTSTATUS register can be polled at a given rate to get information about the current GDO2 and
GDO0 values respectively. The RXBYTES register can be polled at a given rate to get information about
the number of bytes in the RX FIFO. Alternatively, the number of bytes in the RX FIFO can be read from
the chip status byte returned on the MISO line each time a header byte, data byte, or command strobe is
sent on the SPI bus.
It is recommended to employ an interrupt driven solution since high rate SPI polling reduces the RX
sensitivity. Furthermore, as explained in Section 5.5.3 and the CC113L Errata Notes SWRZ038, when
using SPI polling, there is a small, but finite, probability that a single read from registers PKTSTATUS, and
RXBYTES is being corrupt. The same is the case when reading the chip status byte.
30
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com