Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC113LRGPR Datasheet(PDF) 64 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 60Page - Texas Instruments CC113LRGPR Datasheet HTML 61Page - Texas Instruments CC113LRGPR Datasheet HTML 62Page - Texas Instruments CC113LRGPR Datasheet HTML 63Page - Texas Instruments CC113LRGPR Datasheet HTML 64Page - Texas Instruments CC113LRGPR Datasheet HTML 65Page - Texas Instruments CC113LRGPR Datasheet HTML 66Page - Texas Instruments CC113LRGPR Datasheet HTML 67Page - Texas Instruments CC113LRGPR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-49. 0x1D: AGCCTRL0 - AGC Control (continued)
Bit
Field Name
Reset
R/W
Description
2-FSK and 4-FSK: Sets the averaging length for the amplitude
from the channel filter. OOK: Sets the OOK decision boundary
for OOK reception.
Channel filter
Setting
OOK decision boundary
samples
1:0
FILTER_LENGTH[1:0]
1(01)
R/W
0 (00)
8
4 dB
1 (01)
16
8 dB
2 (10)
32
12 dB
3 (11)
64
16 dB
Table 5-50. 0x20: RESERVED
Bit
Field Name
Reset
R/W
Description
7:3
31 (11111)
R/W
Use setting from SmartRF Studio SWRC176
2
R0
Not used
1:0
0 (00)
R/W
Use setting from SmartRF Studio SWRC176
Table 5-51. 0x21: FREND1 - FrontEnd RX Configuration
Bit
Field Name
Reset
R/W
Description
7:6
LNA_CURRENT[1:0]
1 (01)
R/W
Adjusts front-end LNA PTAT current output
5:4
LNA2MIX_CURRENT[1:0]
1 (01)
R/W
Adjusts front-end PTAT outputs
LODIV_BUF_CURRENT_
3:2
1 (01)
R/W
Adjusts current in RX LO buffer (LO input to mixer)
RX[1:0]
1:0
MIX_CURRENT[1:0]
2 (10)
R/W
Adjusts current in mixer
Table 5-52. 0x23: FSCAL3 - Frequency Synthesizer Calibration
Bit
Field Name
Reset
R/W
Description
Frequency synthesizer calibration configuration. The value to
7:6
FSCAL3[7:6]
2 (10)
R/W
write in this field before calibration is given by the SmartRF Studio
software SWRC176.
CHP_CURR_CAL_EN[1:
5:4
2 (10)
R/W
Disable charge pump calibration stage when 0.
0]
Frequency synthesizer calibration result register. Digital bit vector
defining the charge pump output current, on an exponential scale:
3:0
FSCAL3[3:0]
9 (1001)
R/W
I_OUT = I0×2
FSCAL3[3:0]/4
See Section 5.20.2 for more details.
Table 5-53. 0x24: FSCAL2 - Frequency Synthesizer Calibration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not used
5
VCO_CORE_H_EN
0
R/W
Choose high (1) / low (0) VCO
Frequency synthesizer calibration result register. VCO current
4:0
FSCAL2[4:0]
10 (01010)
R/W
calibration result and override value. See Section 5.20.2 for more
details.
Table 5-54. 0x25: FSCAL1 - Frequency Synthesizer Calibration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not used
Frequency synthesizer calibration result register. Capacitor array
5:0
FSCAL1[5:0]
32 (0x20)
R/W
setting for VCO coarse tuning.
See Section 5.20.2 for more details.
64
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com