Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC113LRGPR Datasheet(PDF) 60 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 56Page - Texas Instruments CC113LRGPR Datasheet HTML 57Page - Texas Instruments CC113LRGPR Datasheet HTML 58Page - Texas Instruments CC113LRGPR Datasheet HTML 59Page - Texas Instruments CC113LRGPR Datasheet HTML 60Page - Texas Instruments CC113LRGPR Datasheet HTML 61Page - Texas Instruments CC113LRGPR Datasheet HTML 62Page - Texas Instruments CC113LRGPR Datasheet HTML 63Page - Texas Instruments CC113LRGPR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-44. 0x18: MCSM0 - Main Radio Control State Machine Configuration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not used
Automatically calibrate when going to or from RX mode
Setting
When to perform automatic calibration
0 (00)
Never (manually calibrate using SCAL strobe)
1 (01)
When going from IDLE to RX
5:4
FS_AUTOCAL[1:0]
0 (00)
R/W
When going from RX back to IDLE
2 (10)
automatically
Every 4th time when going from RX to IDLE
3 (11)
automatically
Programs the number of times the six-bit ripple counter must
expire after the XOSC has settled before CHP_RDYn goes
low.(1)
If XOSC is on (stable) during power-down, PO_TIMEOUT
shall be set so that the regulated digital supply voltage has
time to stabilize before CHP_RDYn goes low
(PO_TIMEOUT=2 recommended). Typical start-up time for the
voltage regulator is 50
μs.
For robust operation it is recommended to use PO_TIMEOUT
= 2 or 3 when XOSC is off during power-down.
Timeout after
Setting
Expire count
3:2
PO_TIMEOUT
1 (01)
R/W
XOSC start
Approximately 2.3
0 (00)
1
- 2.4
μs
Approximately 37 -
1 (01)
16
39
μs
Approximately 149
2 (10)
64
- 155
μs
Approximately 597
3 (11)
256
- 620
μs
Exact timeout depends on crystal frequency.
1
0
R/W
Use setting from SmartRF Studio SWRC176
0
XOSC_FORCE_ON
0
R/W
Force the XOSC to stay on in the SLEEP state.
(1)
Note that the XOSC_STABLE signal will be asserted at the same time as the CHIP_RDYn signal; that is, the PO_TIMEOUT delays both
signals and does not insert a delay between the signals.
Table 5-45. 0x19: FOCCFG - Frequency Offset Compensation Configuration
Bit
Field Name
Reset
R/W
Description
7:6
R0
Not used
If set, the demodulator freezes the frequency offset
5
FOC_BS_CS_GATE
1
R/W
compensation and clock recovery feedback loops until the CS
signal goes high.
The frequency compensation loop gain to be used before a
sync word is detected.
Setting
Freq. compensation loop gain before sync word
0 (00)
K
4:3
FOC_PRE_K[1:0]
2 (10)
R/W
1 (01)
2K
2 (10)
3K
3 (11)
4K
The frequency compensation loop gain to be used after a sync
word is detected.
Setting
Freq. compensation loop gain after sync word
2
FOC_POST_K
1
R/W
0
Same as FOC_PRE_K
1
K/2
60
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com