Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA183 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA183
Description  INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA183 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA183 Datasheet HTML 8Page - Texas Instruments INA183 Datasheet HTML 9Page - Texas Instruments INA183 Datasheet HTML 10Page - Texas Instruments INA183 Datasheet HTML 11Page - Texas Instruments INA183 Datasheet HTML 12Page - Texas Instruments INA183 Datasheet HTML 13Page - Texas Instruments INA183 Datasheet HTML 14Page - Texas Instruments INA183 Datasheet HTML 15Page - Texas Instruments INA183 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The INA183 measures the voltage developed across a current-sensing resistor when current passes through it.
The ability to drive the reference pin to adjust the functionality of the output signal offers multiple configurations,
as discussed throughout this section.
9.1.1 RSENSE and Device Gain Selection
Choosing the largest possible shunt resistor will maximize the accuracy of any current-sense amplifier. A large
sense resistor maximizes the differential input signal for a given amount of current flow and reduces the error
contribution of the offset voltage. However, there are practical limits as to how large the current-sense resistor
can be in a given application because of the resistor size and maximum allowable power dissipation. Equation 1
gives the maximum value for the current-sense resistor for a given power dissipation budget:
MAX
SENSE
2
MAX
PD
R
I
(1)
where:
• PDMAX is the maximum allowable power dissipation in RSENSE.
• IMAX is the maximum current expected to flow through RSENSE.
An additional limitation on the size of the current-sense resistor and device gain is due to the power-supply
voltage at the IN+ pin, and device swing-to-rail limitations. To ensure that the current-sense signal is properly
passed to the output, both positive and negative output swing limitations must be examined. Equation 2 provides
the maximum values of RSENSE and GAIN to keep the device from exceeding the positive swing limitation.
I
MAX
ª RSENSE ª *$,1 < VSP
(2)
where:
• IMAX is the maximum current that will flow through RSENSE.
• GAIN is the gain of the current-sense amplifier.
• VSP is the positive output swing as specified in the data sheet.
Positive output swing limitations should be considered when selecting the value of RSENSE. There is always a
trade-off between the value of the sense resistor and the gain of the device under consideration. If the sense
resistor selected for the maximum power dissipation is too large, then it is possible to select a lower-gain device
to avoid positive swing limitations.
INA183
SBOSA08 – FEBRUARY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com