Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA183 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA183
Description  INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA183 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA183 Datasheet HTML 9Page - Texas Instruments INA183 Datasheet HTML 10Page - Texas Instruments INA183 Datasheet HTML 11Page - Texas Instruments INA183 Datasheet HTML 12Page - Texas Instruments INA183 Datasheet HTML 13Page - Texas Instruments INA183 Datasheet HTML 14Page - Texas Instruments INA183 Datasheet HTML 15Page - Texas Instruments INA183 Datasheet HTML 16Page - Texas Instruments INA183 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
The negative swing specification limits how small the sense resistor value can be for a given application.
Equation 3 provides the limit on the minimum value of the sense resistor.
I
MIN
ª RSENSE ª *$,1 > VSN
(3)
where:
• IMIN is the minimum current that will flow through RSENSE.
• GAIN is the gain of the current-sense amplifier.
• VSN is the negative output swing of the device.
9.2 Typical Application
Figure 9-1 shows the basic connections for the INA183. The input pins, IN+ and IN–, must be connected as
close as possible to the shunt resistor to minimize any resistance in series with the shunt resistor.
Server 12-V
Subsystem
IN+
IN-
RSENSE
GND
OUT
12V Server
Power
Supply
INA183
0.1 …F
CBYP
Figure 9-1. Typical Server Application
A power-supply bypass capacitor is required on the IN+ pin. Applications with noisy or high-impedance power
supplies may require additional decoupling capacitors to reject power-supply noise. Connect bypass capacitors
close to the device pins.
In server applications, the INA183 typically monitors the current on the 12-V bus that is distributed to various
server sub-systems like memory, storage, or CPU power. The monitored current can be used by the server for
fault detection or sub-system power optimization.
9.2.1 Design Requirements
Table 9-1 lists the design setup for this application.
Table 9-1. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
High-side supply voltage (VIN+)
12 V
Maximum sense current (IMAX)
5 A
Gain option
50 V/V
9.2.2 Detailed Design Procedure
The maximum value of the current-sense resistor is calculated based on choice of gain, the value of the
maximum current the be sensed (IMAX), and the power-supply voltage (VIN+). When operating at the maximum
current, the output voltage must not exceed the positive output swing specification, VSP. Under the given design
parameters, Equation 4 calculates the maximum value for RSENSE as 47.2 mΩ.
SP
SENSE
MAX
V
R
<
I
GAIN
u
(4)
www.ti.com
INA183
SBOSA08 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com