Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4503 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4503
Description  HEX BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4503 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4503 Datasheet HTML 1Page - STMicroelectronics HCF4503 Datasheet HTML 2Page - STMicroelectronics HCF4503 Datasheet HTML 3Page - STMicroelectronics HCF4503 Datasheet HTML 4Page - STMicroelectronics HCF4503 Datasheet HTML 5Page - STMicroelectronics HCF4503 Datasheet HTML 6Page - STMicroelectronics HCF4503 Datasheet HTML 7Page - STMicroelectronics HCF4503 Datasheet HTML 8Page - STMicroelectronics HCF4503 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HCF4503
HEX BUFFER
February 2000
s
1 TTL-LOAD OUTPUT DRIVE CAPABILITY
s
2 OUTPUT-DISABLE CONTROLS
s
3 STATE OUTPUTS
s
5V, 10V, AND 15V PARAMETRIC RATINGS
s
QUIESCENT CURRENT SPECIFIED UP TO
15V
s
INPUT CURRENT OF 300nA AT 15V AND
25
°C
s
100% TESTED FOR QUIESCENT CURRENT
MEETS
ALL
REQUIREMENTS
OF
JEDEC
TENTATIVE STANDARD N
0. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCF4503B is a monolithic integrated circuits,
available in 16-lead dual in-line plastic package
and plastic micro package.
The HCF4503B is a hex noninverting buffer with
3-state
outputs
having
high
sink
and
source-current capability. Two disable controls
are provided, one of which controls four buffers
and the other controls the remaining two buffers.
PIN CONNECTION
®
SOP
DIP
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4503BEY
SOP
HCF4503BM1
HCF4503M013TR
1/10


Similar Part No. - HCF4503

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4502 STMICROELECTRONICS-HCF4502 Datasheet
265Kb / 11P
STROBED HEX INVERTER/BUFFER
Jun-1989
HCF4502B STMICROELECTRONICS-HCF4502B Datasheet
265Kb / 11P
STROBED HEX INVERTER/BUFFER
Jun-1989
HCF4502B STMICROELECTRONICS-HCF4502B Datasheet
156Kb / 9P
STROBED HEX INVERTER/BUFFER
Sep-2002
HCF4502BC1 STMICROELECTRONICS-HCF4502BC1 Datasheet
265Kb / 11P
STROBED HEX INVERTER/BUFFER
Jun-1989
HCF4502BEY STMICROELECTRONICS-HCF4502BEY Datasheet
265Kb / 11P
STROBED HEX INVERTER/BUFFER
Jun-1989
More results

Similar Description - HCF4503

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
Hex Buffer
February, 2005 ??Rev. 5
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
Hex Buffer
March, 2006 -- Rev. 4
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
Hex Buffer
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
HEX BUFFER
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
HEX BUFFER
Sep-2001
logo
Unisonic Technologies
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
HEX BUFFER
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
Hex Buffer
March, 2022 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com