Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4503 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4503
Description  HEX BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4503 Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4503 Datasheet HTML 1Page - STMicroelectronics HCF4503 Datasheet HTML 2Page - STMicroelectronics HCF4503 Datasheet HTML 3Page - STMicroelectronics HCF4503 Datasheet HTML 4Page - STMicroelectronics HCF4503 Datasheet HTML 5Page - STMicroelectronics HCF4503 Datasheet HTML 6Page - STMicroelectronics HCF4503 Datasheet HTML 7Page - STMicroelectronics HCF4503 Datasheet HTML 8Page - STMicroelectronics HCF4503 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symb ol
Parameter
T est Cond it ios
Valu e
Un it
VI
(V)
VO
(V)
|IO|
(
µA)
VDD
(V)
-40
oC25 oC85 oC
Mi n. Max. Min. T yp. Max. Min . Max.
IL
Quiescent Current
0/5
5
4
0.02
4
30
µA
0/10
10
8
0.02
8
60
0/15
15
16
0.02
16
120
VOH
Output High
Voltage
0/5
< 1
5
4.95
4.95
4.95
V
0/10
< 1
10
9.95
9.95
9.95
0/15
< 1
15
14.95
14.95
14.95
VOL
Output Low
Voltage
5/0
< 1
5
0.05
0.05
0.05
V
10/0
< 1
10
0.05
0.05
0.05
15/0
< 1
15
0.05
0.05
0.05
VIH
Input High
Voltage
0.5/4.5
< 1
5
3.5
3.5
3.5
V
1/9
< 1
10
7
7
7
1.5/13.5
< 1
15
11
11
11
VIL
Input Low
Voltage
4.5/0.5
< 1
5
1.5
1.5
1.5
V
9/1
< 1
10
3
3
3
13.5/1.5
< 1
15
4
4
4
IOH
Output Drive
Current
0/5
2.5
5
-4.8
-4.1
-5.2
-2.9
mA
0/5
4.6
5
-1
-0.8
-1.6
-0.6
0/10
9.5
10
-2.5
-2.2
-3.1
-1.6
0/15
13.5
15
-6.8
-5.8
-11.9
-4.2
IOL
Output Sink Current
0/5
0.4
5
2.1
1.8
1.9
1.2
mA
0/10
0.5
10
5.4
4.7
5.3
3.3
0/15
1.5
15
16
13.7
19.5
9.7
IIH,IIL
Input Leakage
Current
0/15
Any
Input
15
±0.3
±10-5 ±0.3
±1
µA
IOZ
3-state Output
Leakage Current
0/15
Any
Input
15
±1.0
±10-4 ±1.0
±7.5
µA
CI
Input Capacitance
Any Input
5
7.5
pF
TheNoise Margin for both ”1” and ”0” level is: 1V min.withV DD = 5 V, 2 V min.with VDD =10 V, 2.5 V min. with VDD=15 V
HCF4503B
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com