Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4503 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4503
Description  HEX BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4503 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4503 Datasheet HTML 1Page - STMicroelectronics HCF4503 Datasheet HTML 2Page - STMicroelectronics HCF4503 Datasheet HTML 3Page - STMicroelectronics HCF4503 Datasheet HTML 4Page - STMicroelectronics HCF4503 Datasheet HTML 5Page - STMicroelectronics HCF4503 Datasheet HTML 6Page - STMicroelectronics HCF4503 Datasheet HTML 7Page - STMicroelectronics HCF4503 Datasheet HTML 8Page - STMicroelectronics HCF4503 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 KΩ,
typical temperaturecoefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symb ol
Parameter
T est Cond ition s
Value
Un it
VDD
(V)
Min.
Typ.
Max.
tPLH
Propagation Delay Time
5
75
150
ns
10
35
70
15
25
50
tPHL
Propagation Delay Time
5
55
110
ns
10
25
50
15
17
35
tPHZ
tPZH
3-State Propagation Delay Time
5
70
140
ns
10
30
60
15
25
50
tPZL
tPLZ
3-State Propagation Delay Time
5
90
180
ns
10
40
80
15
35
70
tTLH
Transition Time
5
50
90
ns
10
30
45
15
25
35
tTHL
Transition Time
5
35
70
ns
10
20
40
15
13
25
N-Channel Output Low (sink) Current
Characteristics.
P-Channel Output High (source) Current
Characteristics.
HCF4503B
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com