Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5026
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5026 Datasheet HTML 1Page - Monolithic Power Systems MP5026 Datasheet HTML 2Page - Monolithic Power Systems MP5026 Datasheet HTML 3Page - Monolithic Power Systems MP5026 Datasheet HTML 4Page - Monolithic Power Systems MP5026 Datasheet HTML 5Page - Monolithic Power Systems MP5026 Datasheet HTML 6Page - Monolithic Power Systems MP5026 Datasheet HTML 7Page - Monolithic Power Systems MP5026 Datasheet HTML 8Page - Monolithic Power Systems MP5026 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
4
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2, 3,
16, 25
VIN
System input power supply. The VIN pin is connected to the drain of the integrated
power MOSFET.
4, 26
GND
Ground.
5
OV
Over-voltage (OV) enable input. Pull the OV pin high to turn off the internal MOSFET.
Connect OV to an external resistor divider to set the over-voltage protection (OVP)
threshold.
6
EN/UV
Enable (EN) control and input voltage (VIN) under-voltage lockout (UVLO)
configuration. The EN/UV pin is the control input that turns the device on and off,
including the logic and power MOSFET. Pull EN/UV high to turn the device on; pull
EN/UV low to turn it off. Connect EN/UV to a resistor divider between the VIN and GND
pins to set the VIN UVLO threshold. The internal VCC is not controlled by EN/UV. Do not
float EN/UV.
7
TIMER
Timer configuration. Connect the TIMER pin to an external capacitor to set the hot-
plug insertion delay time (tIDT) and over-current (OC) fault time-out period.
8
ISET
Current limit configuration. Place a resistor between the ISET pin and ground to set
the OC limit.
9
IMON
Output current monitor. The IMON pin provides a voltage (VIMON) proportional to the
current flowing through the power device. Connect a resistor (RIMON) to ground to set the
IMON output voltage gain. Place a capacitor greater than 10nF in parallel with RIMON
during application. Do not float IMON.
10
ENTM
LOADEN blanking time configuration. Connect the ENTM pin to an external capacitor
to set the LOADEN blanking time. Once the EN/UV pin is active, the timer starts and
LOADEN de-assertion is blanked. If a fault occurs or EN/UV is pulled low during the
blanking time, then the device shuts down. If LOADEN is pulled low, the device does not
turn off until the blanking time ends.
11
FLTB
Fault bar. The FLTB pin is an open-drain output that is pulled to ground once a fault
occurs. The following faults can trigger FLTB: OC fault, short-circuit fault, over-
temperature (OT) fault, over-voltage (OV) fault, and drain-to-source (DS) or gate-to-
source (GS) short. Pull up FLTB to an external power supply via a 10k
Ω to 100kΩ
resistor.
12
LOADEN
Load enable input. The LOADEN pin is used in conjunction with EN/UV to turn the
MP5026
’s main power device on or off. LOADEN also shuts down the power MOSFET
after the LOADEN blanking time finishes. The power MOSFET cannot be turned back on
by only cycling the power on LOADEN.
13
PG
Power good. The PG pin is an open-drain output. Pull PG up to an external power
supply via a 10k
Ω to 100kΩ resistor. PG high indicates power good.
14
VCC
Internal 3.3V low-dropout (LDO) output. Place a 1µF decoupling capacitor close to the
VCC and GND pins.
15
SS
Soft start. Connect the SS pin to an external capacitor to set the soft-start time (tSS) of
the output voltage (VOUT). The internal circuit controls the VOUT slew rate at start-up.
Float SS to set tSS to the minimum time (1ms).
17, 18,
19, 20,
21, 22,
23, 24
VOUT
Output voltage. Connect the VOUT pin to the source of the integrated power MOSFET.
Place a Schottky diode between the VOUT and GND pins to absorb the negative voltage
spike.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com