Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026 Datasheet (PDF) - Monolithic Power Systems

MP5026 Datasheet PDF - Monolithic Power Systems
Part # MP5026
Download  MP5026 Download
File Size   1010.82 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution

MP5026 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5026 Datasheet PDF - Monolithic Power Systems

Part # MP5026
Download  MP5026 Click to download

File Size   1010.82 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution

MP5026 Datasheet (HTML) - Monolithic Power Systems


MP5026 Product details

DESCRIPTION
The MP5026 is a hot-swap protection device designed to protect circuitry on its output from transients on its input. It also protects its input from undesired shorts and transients from its output. The device can achieve up to 20A of continuous output current (IOUT) per device at room temperature.
The MP5026 limits the inrush current to the load when a circuit card is inserted into a live backplane power source. This limits the power supply voltage drop. The MP5026 also limits the internal MOSFET current (IFET) by controlling the gate voltage (VGATE) via a lowpower resistor connected between the ISET pin and ground as well as soft-start ramp.
The MP5026 offers many features to simplify system design, such as an integrated current mirror that monitors IOUT and the integrated ondie temperature sense. This eliminates the need for an external current-sense power resistor, power MOSFET, and temperaturesense device.
The maximum load at the output is currentlimited via sense MOSFET topology. The
current limit is controlled by a low-power resistor connected between ISET and ground.
The MP5026 provides a variety of fault protections, including over-current protection (OCP), short-circuit protection (SCP), overtemperature protection (OTP), damaged MOSFET detection, over-voltage protection (OVP), and under-voltage protection (UVP).
The MP5026 is available in an LGA-26 (4mmx4mm) package.

FEATURES
• 2.7V to 16V Operating Input Voltage (VIN) Range
• Up to 20A Output Current (IOUT)
• 2.8mΩ Integrated Power MOSFET
• ±1% IMON Reporting Accuracy
• Built-In MOSFET Driver
• 3.3V Low-Dropout (LDO) Output
• Built-In Insertion Delay
• Configurable Soft Start (SS)
• Power Good (PG) Indication
• Fault Signal Output (FLTB)
• Integrated Current Sense with Sense Output (IMON)
• Configurable Over-Voltage Protection (OVP) Threshold
• Configurable Over-Current (OC) Limit
• Configurable Over-Current Protection (OCP) Fault Regulation Time
• Output Short-Circuit Protection (SCP)
• Over-Temperature Protection (OTP)
• Latch-Off Protection Mode
• Built-In Fuse Health Detection
• Available in an LGA-26 (4mmx4mm) Package

APPLICATIONS
• Hot Swap
• PC Cards
• Disk Drives
• Servers
• Networking
• Laptops




Similar Part No. - MP5026

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP502 MCC-MP502 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP502 MCC-MP502 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP502 LRC-MP502 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
MP502 SHUNYE-MP502 Datasheet
221Kb / 2P
PRESS-FIT MOTOLOLA DIODES
MP502 SHUNYE-MP502 Datasheet
164Kb / 2P
PRESS-FIT MOTOROLA DIODES
More results


Similar Description - MP5026

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Linear Technology
LTC4234 LINER-LTC4234_15 Datasheet
409Kb / 20P
20A Guaranteed SOA Hot Swap Controller
logo
Monolithic Power System...
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
Linear Technology
LTC4234 LINER-LTC4234 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
logo
ON Semiconductor
NCP81295 ONSEMI-NCP81295 Datasheet
1Mb / 24P
Hot Swap Smart Fuse
April, 2020 ??Rev. 12
logo
Monolithic Power System...
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com