Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5026
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5026 Datasheet HTML 8Page - Monolithic Power Systems MP5026 Datasheet HTML 9Page - Monolithic Power Systems MP5026 Datasheet HTML 10Page - Monolithic Power Systems MP5026 Datasheet HTML 11Page - Monolithic Power Systems MP5026 Datasheet HTML 12Page - Monolithic Power Systems MP5026 Datasheet HTML 13Page - Monolithic Power Systems MP5026 Datasheet HTML 14Page - Monolithic Power Systems MP5026 Datasheet HTML 15Page - Monolithic Power Systems MP5026 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
12
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, RISET = 12kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Shutdown through EN/UV
VIN = 3.3V, IOUT = 20A
Shutdown through EN/UV
VIN = 12V, IOUT = 20A
CH2: VEN
CH1: VOUT
CH3: VPG
CH4: IIN
CH2: VEN
CH1: VOUT
CH3: VPG
CH4: IIN
Short-Circuit Start-Up
VIN = 3.3V
Short-Circuit Start-Up
VIN = 12V
CH2: VEN
CH1: VOUT
CH3: VFLTB
CH4: IIN
CH2: VEN
CH1: VOUT
CH3:
VTIMER
CH4: IIN
Over-Current Protection
VIN = 3.3V, add load to 25A slowly
Over-Current Protection
VIN = 3.3V, add load to 25A quickly
CH2:
VTIMER
CH1: VOUT
CH3: VFLTB
CH4: IIN
CH2:
VTIMER
CH1: VOUT
CH3: VFLTB
CH4: IIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com