Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4521 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4521
Description  24 STAGE FREQUENCY DIVIDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4521 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4521 Datasheet HTML 3Page - STMicroelectronics HCF4521 Datasheet HTML 4Page - STMicroelectronics HCF4521 Datasheet HTML 5Page - STMicroelectronics HCF4521 Datasheet HTML 6Page - STMicroelectronics HCF4521 Datasheet HTML 7Page - STMicroelectronics HCF4521 Datasheet HTML 8Page - STMicroelectronics HCF4521 Datasheet HTML 9Page - STMicroelectronics HCF4521 Datasheet HTML 10Page - STMicroelectronics HCF4521 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FUNCTIONAL TEST SEQUENCE
I npu ts
Outpu ts
Co mmen ts
RESET
In2
Out2
VSS’VDD’Q18 thru
Q24
100
VDD
GND
0
Counter is in three 8-stage sections in parallel mode.
Counter is reset. In2 and Out2 are connected togheter
011
VDD
GND
0
First ”0” to ”1” transition on In2, Out2 node.
000
VDD
GND
0
255 ”0” to ”1” transitions are clocked into this In2, Out2
node.
011
VDD
GND
0
011
VDD
GND
1
The 255th ”0” to ”1” transition.
000
VDD
GND
1
000
GND
GND
1
010
GND
VDD
1
Counter converted back to 24-stages in series mode.
010
GND
VDD
1
Out2 converts back to an output
001
GND
VDD
0
Counter ripples from an all ”1” state to an all ”0” stage.
A test function (see fig.8) has been included forthe reduction oftest time required to exercise all 24 counter stages. This test function divides the counter
intothree 8-stage sections and 255 counts are loaded in each of the 8-stage sections in parallel. All flip-flopare now ata logic ”1”. The counter is now
returned to the normal 24-stages in series configuration. One more pulse is entered intoInput 2 (In2) which will cause the counter to ripple from an all ”1”
state to an all ”0” state.
RC Oscillator Circuit
Functional Test Circuit
f
≅
1
2.3
RTC C
RS
≥ 2RTC
f in Hz, R in Ohms, C in Farads
HCF4521
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com